Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 31 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 31 Page - Intel Corporation

Back Button C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation C200 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
Specification Update
31
Specification Clarifications
14.
SLP_SUS# Clarifications
a. The definition for SLP_SUS# is replaced as follows in table 2-8 Power Management
Interface Signals:
b. SLP_SUS# is added to Table 3-2 Power Plane and States for Output and I/O Signals
for Desktop Configurations.
c. SLP_SUS# is added to Table 3-3. Power Plane and States for Output and I/O Signals
for Mobile Configurations
Name
Type
Description
SLP_SUS#
O
Deep S4/S5 Indication: When asserted (low), this signal indicates
PCH is in Deep S4/S5 state where internal Sus power is shut off for
enhanced power saving. When deasserted (high), this signal indicates
exit from Deep S4/S5 state and Sus power can be applied to PCH.
If Deep S4/S5 is not supported, then this pin can be left unconnected.
This pin is in the DSW power well.
Signal Name
Power
Plane
During
Reset
Immediately
after Reset
S0/S1
S3
S4/S5
Power Management
SLP_SUS#
DSW
Low
High
High
High
High
Signal Name
Power
Plane
During
Reset
Immediately
after Reset
C-x
states
S0/S1
S3
S4/S5
Power Management
SLP_SUS#
DSW
Low
High
High
High
High
High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com