Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 29 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 29 Page - Intel Corporation

Back Button C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 82 page
background image
Specification Update
29
Specification Clarifications
c. the following is added to the list of items describing when Intel Rapid Storage
Technology is not available in section 5.16.7:
2. The SATA controller is programmed in RAID mode, but the AIE bit (D31:F2:Offset
9Ch bit 7) is set to 1.
d. The SATA D31:F2 Device ID table is updated; see PCH Device and Revision
Identification section in this document.
7.
SATA Hot Plug Operation
Section 5.16.5 Hot Plug Operation is modified as shown below. Section 5.16.5.1 is
removed.
The PCH supports Hot Plug Surprise removal and Insertion Notification. An internal
SATA port with a Mechanical Presence Switch can support PARTIAL and SLUMBER with
Hot Plug Enabled. Software can take advantage of power savings in the low power
states while enabling hot plug operation. Refer to chapter 7 of the AHCI specification
for details.
8.
GPIO13 Voltage Tolerance
GPIO13 is powered by VccSusHDA well and therefore, the voltage tolerance value
varies according to the voltage connected to VccSusHDA. The following clarifications
are made:
a. Table 2-24, GPIO13 Tolerance is change from “3.3 V” to “3.3 V or 1.5 V” and the
following note is added to table 2-24: “GPIO13 is powered by VccSusHDA (either 3.3 V
or 1.5 V). Voltage tolerance on the signal is the same as VccSusHDA.”
b. The following note is added to GPIO13 in table 3-2 as note 16: “GPIO13 is powered
by VccSusHDA (either 3.3 V or 1.5 V). Pin tolerance is determined by VccSusHDA
voltage.”
c. The following note is added to HDA_DOCK_RST#/GPIO13 in table 3-3 as note 24:
“HDA_DOCK_RST#/GPIO13 is powered by VccSusHDA (either 3.3 V or 1.5 V). Pin
tolerance is determined by VccSusHDA voltage.”
9.
EHCI Configuration Programming
a. Section 16.1.31 EHCIIR1—EHCI Initialization Register 1 bits 18 and 10:9 are
changed as shown:
b. Section 16.1.32 EHCIIR2—EHCI Initialization Register 2 is modified as shown:
Bit
Description
18
EHCI Initialization Register 1 Field 2— R/W. BIOS may write to this bit field.
10:9
EHCI Initialization Register 1 Field 1— R/W. BIOS may write to this bit field.
Bit
Description
31:30 Reserved
29
EHCI Initialization Register 2 Field 6 — R/W. BIOS may write to this bit field.
28:20 Reserved
19
EHCI Initialization Register 2 Field 5 — R/W. BIOS may write to this bit field.
18:12 Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com