Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 82 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 82 Page - Intel Corporation

Back Button C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation C200 Datasheet HTML 80Page - Intel Corporation C200 Datasheet HTML 81Page - Intel Corporation C200 Datasheet HTML 82Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 82 page
background image
Documentation Changes
82
Specification Update
o. Section 23.3.1.16 INTR—Interrupt Information Register (IDER—D22:F2) is updated
as shown:
p. Section 23.4.1.13 INTR—Interrupt Information Register (KT—D22:F3) is updated as
shown:
Default Value:
0400h
Size:
16 bits
§ §
Bit
Description
15:8
Interrupt Pin (IPIN) — RO. A value of 1h/2h/3h/4h indicates that this function
implements legacy interrupt on INTA/INTB/INTC/INTD, respectively. The upper 4 bits
are hardwired to 0 and the lower 4 bits are programmed by the IDERIP bits
(RCBA+3124:bits 11:8).
Bit
Description
15:8
Interrupt Pin (IPIN)— RO. A value of 1h/2h/3h/4h indicates that this function
implements legacy interrupt on INTA/INTB/INTC/INTD, respectively. The upper 4 bits
are hardwired to 0 and the lower 4 bits are programmed by the KTIP bits
(RCBA+3124:bits 15:12).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com