Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 16 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 16 Page - Intel Corporation

Back Button C200 Datasheet HTML 12Page - Intel Corporation C200 Datasheet HTML 13Page - Intel Corporation C200 Datasheet HTML 14Page - Intel Corporation C200 Datasheet HTML 15Page - Intel Corporation C200 Datasheet HTML 16Page - Intel Corporation C200 Datasheet HTML 17Page - Intel Corporation C200 Datasheet HTML 18Page - Intel Corporation C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 82 page
background image
Errata
16
Specification Update
Errata
1.
USB Isoch In Transfer Error Issue
Problem:
If a USB full-speed inbound isochronous transaction with a packet length 190 bytes or
greater is started near the end of a microframe the PCH may see more than 189 bytes
in the next microframe.
Implication: If the PCH sees more than 189 bytes for a microframe an error will be sent to software
and the isochronous transfer will be lost. If a single data packet is lost no perceptible
impact for the end user is expected.
Note:
Intel has only observed the issue in a synthetic test environment where precise control
of packet scheduling is available, and has not observed this failure in its compatibility
validation testing.
• Isochronous traffic is periodic and cannot be retried thus it is considered good
practice for software to schedule isochronous transactions to start at the beginning
of a microframe. Known software solutions follow this practice.
• To sensitize the system to the issue additional traffic such as other isochronous
transactions or retries of asynchronous transactions would be required to push the
inbound isochronous transaction to the end of the microframe.
Workaround: None.
Status:
No Plan to Fix.
2.
USB Full-/low-speed Device Removal Issue
Problem:
If two or more USB full-/low-speed devices are connected to the same USB controller,
the devices are not suspended, and one device is removed, one or more of the devices
remaining in the system may be affected by the disconnect.
Implication: The implication is device dependent. A device may experience a delayed transaction,
stall and be recovered via software, or stall and require a reset such as a hot plug to
resume normal functionality.
Workaround: None.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com