Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 77 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 77 Page - Intel Corporation

Back Button C200 Datasheet HTML 73Page - Intel Corporation C200 Datasheet HTML 74Page - Intel Corporation C200 Datasheet HTML 75Page - Intel Corporation C200 Datasheet HTML 76Page - Intel Corporation C200 Datasheet HTML 77Page - Intel Corporation C200 Datasheet HTML 78Page - Intel Corporation C200 Datasheet HTML 79Page - Intel Corporation C200 Datasheet HTML 80Page - Intel Corporation C200 Datasheet HTML 81Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
Specification Update
77
Documentation Changes
NOTE: The Legacy Option does not preclude delivery of IRQ0/IRQ8 using processor message
interrupts.
Mapping Option #2 (Standard Option)
In this case, the Legacy Replacement Rout bit (LEG_RT_CNF) is 0. Each timer has its
own routing control. The interrupts can be routed to various interrupts in the 8259 or
I/O APIC. A capabilities field indicates which interrupts are valid options for routing. If a
timer is set for edge-triggered mode, the timers should not be shared with any PCI
interrupts.
For the PCH, the only supported interrupt values are as follows:
Timer 0 and 1: IRQ20, 21, 22 & 23 (I/O APIC only).
Timer 2: IRQ11 (8259 or I/O APIC) and IRQ20, 21, 22 & 23 (I/O APIC only).
Timer 3: IRQ12 (8259 or I/O APIC) and IRQ 20, 21, 22 & 23 (I/O APIC only).
Interrupts from Timer 4, 5, 6, 7 can only be delivered using processor message
interrupts.
Mapping Option #3 (Processor Message Option)
In this case, the interrupts are mapped directly to processor messages without going to
the 8259 or I/O (x) APIC. To use this mode, the interrupt must be configured to
edge-triggered mode. The Tn_PROCMSG_EN_CNF bit must be set to enable this mode.
When the interrupt is delivered to the processor, the message is delivered to the
address indicated in the Tn_PROCMSG_INT_ADDR field. The data value for the write
cycle is specified in the Tn_PROCMSG_INT_VAL field.
Notes:
1. The processor message interrupt delivery option has HIGHER priority and is
mutually exclusive to the standard interrupt delivery option. Thus, if the
Tn_PROCMSG_EN_CNF bit is set, the interrupts will be delivered directly to the
processor rather than via the APIC or 8259.
Table 5-41 Legacy Replacement Routing
Timer
8259 Mapping
APIC Mapping
Comment
0IRQ0
IRQ2
In this case, the 8254 timer will
not cause any interrupts
1IRQ8
IRQ8
In this case, the RTC will not cause
any interrupts.
2 & 3
Per IRQ Routing
Field.
Per IRQ Routing Field
4, 5, 6, 7
not available
not available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com