Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 28 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 28 Page - Intel Corporation

Back Button C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
Specification Clarifications
28
Specification Update
signal low independently (without RTCRST# also being driven low) may cause the
platform to enter an indeterminate state. Similar to RTCRST#, it is imperative that
SRTCRST# not be pulled low in the S0 to S5 states.
See Figure 2-2 which demonstrates the proper circuit connection of these pins.
5.
PPM of 25 MHz Option for CLKOUTFLEX2
The following note is added to table 4-2 and applies to CLKOUFLEX2:
The 25 MHz output option for CLKOUTFLEX2 is derived from the 25 MHz crystal input to
the PCH. The PPM of the 25 MHz output is equivalent to that of the crystal.
6.
SATA Alternate ID Enable Definition Update
Section 14.1.33 D31:F2:Offset 9Ch is changed as follows:
a. Name of register is changed from SCLKGC-SATA Clock General Configuration
Register to SGC-SATA General Configuration Register
b. Bit 7 is redefined as shown:
Bit
Description
7
(non-RAID
Capable
SKUs
Only)
Reserved
7
(RAID
Capable
SKUs
Only)
Alternate ID Enable (AIE) — R/WO.
0 = Clearing this bit when in RAID mode, the SATA Controller located at Device 31:
Function 2 will report its Device ID as 2822h for all Desktop SKUs of the PCH
or 282Ah for all Mobile SKUs of the PCH. Clearing this bit is required for the
Intel® Rapid Storage Technology driver (including the Microsoft* Windows
Vista* OS and later in-box version of the driver) to load on the platform. Intel®
Smart Response Technology also requires that the bit be cleared in order to be
enabled on the platform.
1 = Setting this bit when in RAID mode, the SATA Controller located at Device 31:
Function 2 will report its Device ID as called out in the table below for Desktop
SKUs or 1C05h for all Mobile SKUs of the chipset. This setting will prevent the
Intel Rapid Storage Technology driver (including the Microsoft Windows* OS
in-box version of the driver) from loading on the platform. During the Microsoft
Windows OS installation, the user will be required to "load' (formerly done by
pressing the F6 button on the keyboard) the appropriate RAID storage driver
that is enabled by this setting.
This field is reset by PLTRST#. BIOS is required to reprogram the value of this bit
after resuming from S3, S4 and S5.
D31:F2 Configured in RAID Mode with AIE = 1 (Desktop Only)
Feature Vector Register 0 (FVEC0)
D31:F2 Dev ID
RAID Capability Bit 1
RAID Capability Bit 0
0
0
Not applicable
0
1
Not applicable
101C04h
111C06h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com