Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 14 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 14 Page - Intel Corporation

Back Button C200 Datasheet HTML 10Page - Intel Corporation C200 Datasheet HTML 11Page - Intel Corporation C200 Datasheet HTML 12Page - Intel Corporation C200 Datasheet HTML 13Page - Intel Corporation C200 Datasheet HTML 14Page - Intel Corporation C200 Datasheet HTML 15Page - Intel Corporation C200 Datasheet HTML 16Page - Intel Corporation C200 Datasheet HTML 17Page - Intel Corporation C200 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 82 page
background image
PCH Device and Revision Identification
14
Specification Update
D31:F5
SATA1,4
1C08h
04h
05h
Desktop: Non-AHCI and Non-RAID Mode (Ports 4
and 5)
1C09h
04h
05h
Mobile: Non-AHCI and Non-RAID Mode (Ports 4
and 5)
D31:F3
SMBus
1C22h
04h
05h
D31:F6
Thermal
1C24h
04h
05h
D30:F0
PCI to PCI
Bridge
1C25h
04h
05h
Desktop (When D30:F0:4Ch:bit 29 = 1)
244Eh
A4h
A5h
Desktop (When D30:F0:4Ch:bit 29 = 0)
1C25h
04h
05h
Mobile (When D30:F0:4Ch:bit 29 = 1)
2448h
A4h
A5h
Mobile (When D30:F0:4Ch:bit 29 = 0)
D29:F0
USB EHCI #1
1C26h
04h
05h
D26:F0
USB EHCI #2
1C2Dh
04h
05h
D27:F0
Intel® HD
Audio
1C20h
04h
05h
D28:F0
PCI Express*
Port 1
1C10h
B4h
B5h
Desktop and Mobile (When D28:F0:ECh:bit 1= 0)
244Eh
B4h
B5h
Desktop (When D28:F0:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F0:ECh:bit 1 = 1)
D28:F1
PCI Express
Port 2
1C12h
B4h
B5h
Desktop and Mobile (When D28:F1:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F1:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F1:ECh:bit 1 = 1)
D28:F2
PCI Express
Port 3
1C14h
B4h
B5h
Desktop and Mobile (When D28:F2:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F2:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F2:ECh:bit 1 = 1)
D28:F3
PCI Express
Port 4
1C16h
B4h
B5h
Desktop and Mobile (When D28:F3:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F3:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F3:ECh:bit 1 = 1)
D28:F4
PCI Express
Port 5
1C18h
B4h
B5h
Desktop and Mobile (When D28:F4:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F4:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F4:ECh:bit 1 = 1)
D28:F5
PCI Express
Port 6
1C1Ah
B4h
B5h
Desktop and Mobile (When D28:F5:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F5:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F5:ECh:bit 1 = 1)
D28:F6
PCI Express
Port 7
1C1Ch
B4h
B5h
Desktop and Mobile (When D28:F6:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F6:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F6:ECh:bit 1 = 1)
D28:F7
PCI Express
Port 8
1C1Eh
B4h
B5h
Desktop and Mobile (When D28:F7:ECh:bit 1 = 0)
244Eh
B4h
B5h
Desktop (When D28:F7:ECh:bit 1 = 1)
2448h
B4h
B5h
Mobile (When D28:F7:ECh:bit 1 = 1)
PCH Device and Revision ID Table (Sheet 2 of 3)
Device
Function
Description
Dev ID
B2
Rev ID
B3
Rev ID
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com