Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 23 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 23 Page - Intel Corporation

Back Button C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation C200 Datasheet HTML 24Page - Intel Corporation C200 Datasheet HTML 25Page - Intel Corporation C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 82 page
background image
Specification Update
23
Errata
19.
Intel® AMT and Intel® Standard Manageability KT/SOL Interrupt
Status Cleared Prematurely
Problem:
A read of the Intel® AMT and Intel® Standard Manageability enabled SOL KTIIR (KT
Interrupt Identification Register) or KTLSR (KT Line Status Register) that occurs
simultaneous to the arrival of an SOL Host interrupt event may result in a read of the
Interrupt Status (INTSTS) bit 0 returning the status of “No Pending interrupt to Host”
despite KTLSR reporting a serviceable event.
Implication: Implication of a missed SOL Host interrupt is software implementation dependent.
Subsequent interrupts not aligned to a KTIIR or KTLSR read will clear “0” bit 0
(INTSTS) to indicate a pending interrupt to the Host.
Workaround: Software should not rely on reading only bit 0 (INTSTS) of the KTIIR register and
should also poll the KTLSR to determine if a SOL Host interrupt is pending.
Status:
No Plan to Fix.
20.
Incorrect IRQ(x) Vector Returned for 8259 Interrupts With RAEOI
Enabled
Problem:
If multiple interrupts are active prior to an interrupt acknowledge cycle with Rotating
Automatic End of Interrupt (RAEOI) mode of operation enabled for 8259 interrupts
(0-7), an incorrect IRQ(x) vector may be returned to the processor.
Implication: Implications of an incorrect IRQ(x) vector being returned to the CPU are SW
implementation dependent.
Note:
This issue has only been observed in a synthetic test environment.
Workaround: None.
Status:
No Plan to Fix.
21.
USB RMH False Disconnect Issue
Problem:
The PCH may falsely detect a USB High-Speed (HS) device disconnect if all of the
following conditions are met:
• The HS Device is connected through the Rate Matching Hub (RMH) of the PCH’s
EHCI controller.
• The device is resuming from selective suspend or port reset.
• The resume occurs within a narrow time window during the EOP (End of Packet)
portion of the SOF (Start of Frame) Packet on the USB bus.
Implication: Following the false disconnect, the HS device will be automatically re-enumerated. The
system implication will depend on the resume event cause:
• If the resume event is a port reset, a second port reset will be automatically
generated and the device re-enumerated. No end user impact is expected.
• If the resume event is a hardware or software initiated resume from selective
suspend, the implication will be device and software specific, which may result in
anomalous system behavior.
Note:
If the HS device is a hub, then all of the devices behind the hub, independent of the
device speed, may also be re-enumerated.
Workaround: None.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com