Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 30 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 30 Page - Intel Corporation

Back Button C200 Datasheet HTML 26Page - Intel Corporation C200 Datasheet HTML 27Page - Intel Corporation C200 Datasheet HTML 28Page - Intel Corporation C200 Datasheet HTML 29Page - Intel Corporation C200 Datasheet HTML 30Page - Intel Corporation C200 Datasheet HTML 31Page - Intel Corporation C200 Datasheet HTML 32Page - Intel Corporation C200 Datasheet HTML 33Page - Intel Corporation C200 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 82 page
background image
Specification Clarifications
30
Specification Update
c. Section 16.1.38 EHCIIR3—EHCI Initialization Register 3 bits 32:22 are changed as
shown:
d. Section 16.1.39 EHCIIR4—EHCI Initialization Register 4 bits 17 and 15 are changed
as shown:
10.
PCH Thermal Sensor Temperature Range
The following sentence is added at the end of the first paragraph of section 5.21.1:
The normal readable temperature range of the PCH thermal sensor is from 53 °C to
134 °C. Note that some parts can read down to 43 °C but this is part to part
dependent.
11.
Secondary PCI Device Hiding Register Attribute Clarification
The following is added to the register summary of section 11.1.20 SPDH—Secondary
PCI Device Hiding Register:
Bits 3:0 are Read Only on PCI Interface-disabled SKUs; bits 3:0 are Read/Write for PCI
Interface-enabled SKUs (see Section 1.3 for full details on SKU definition).
12.
GPIO Lock Clarification
The following note is added to section 5.15.4 GPIO Registers Lockdown:
Note: All other GPIO registers not listed here are not be locked by GLE.
13.
GPIO13 Voltage Well
The power well for GPIO13 in table 2-24 is changed from Suspend to HDA Suspend.
11
EHCI Initialization Register 2 Field 4 — R/W. BIOS may write to this bit field.
10
EHCI Initialization Register 2 Field 3 — R/W. BIOS may write to this bit field.
9
Reserved
8
EHCI Initialization Register 2 Field 2 — R/W. BIOS may write to this bit field.
7:6
Reserved
5
EHCI Initialization Register 2 Field 1 — R/W. BIOS may write to this bit field.
4:0
Reserved
Bit
Description
Bit
Description
23:22 EHCI Initialization Register 3 Field 1 — R/W. BIOS may write to this bit field.
Bit
Description
17
EHCI Initialization Register 4 Field 2 — R/W. BIOS may write to this bit field.
15
EHCI Initialization Register 4 Field 1 — R/W. BIOS may write to this bit field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com