Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 19 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 19 Page - Intel Corporation

Back Button C200 Datasheet HTML 15Page - Intel Corporation C200 Datasheet HTML 16Page - Intel Corporation C200 Datasheet HTML 17Page - Intel Corporation C200 Datasheet HTML 18Page - Intel Corporation C200 Datasheet HTML 19Page - Intel Corporation C200 Datasheet HTML 20Page - Intel Corporation C200 Datasheet HTML 21Page - Intel Corporation C200 Datasheet HTML 22Page - Intel Corporation C200 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
Specification Update
19
Errata
8.
Incorrect Data for FS/LS USB Periodic IN Transaction
Problem:
The Periodic Frame list entry in DRAM for a USB FS or LS Periodic IN transaction may
incorrectly get some of its data from a prior Periodic IN transaction which was initiated
very late into the preceding microframe.
It is considered good practice for software to schedule Periodic Transactions at the start
of a microframe. However Periodic transactions may occur late into a microframe due
to the following cases outlined below:
• Asynchronous transaction starting near the end of the proceeding microframe gets
Asynchronously retried.
Note:
Transactions getting Asynchronous retried would only occur for ill behaved USB device
or USB port with a signal integrity issue
• Or Two Periodic transactions are scheduled by software to occur in the same
microframe and the first needs to push the second Periodic IN transaction to the
end of the microframe boundary.
Implication: The implication will be device, driver or operating system specific.
Note:
This issue has only been observed in a synthetic test environment.
Workaround: None.
Status:
No Plan to Fix.
9.
HDMI* 222 MHz Electrical Compliance Testing Failures
Problem:
HDMI* 222 MHz electrical compliance testing may show eye diagram and jitter test
failures on Intel 6 Series Chipset and Intel C200 Series Chipset.
Implication: No functional or visual failures have been observed by Intel. HDMI electrical compliance
failures may be seen at 222 MHz Deep Color Mode. This issue does not prevent HDMI
with Deep Color Logo certification as no failures have been seen with 74.25 MHz Deep
Color Mode (720P 60 Hz or 1080P 30 Hz) as required HDMI Compliance Test
Specification.
Workaround: None.
Status:
No Plan to Fix.
10.
SATA Signal Voltage Level Violation
Problem:
SATA transmit buffers have been designed to maximize performance and robustness
over a variety of routing scenarios. As a result, the SATA transmit signaling voltage
levels may exceed the maximum motherboard TX connector and device RX connector
voltage specifications as defined in section 7.2.1 of the Serial ATA specification, rev 3.0.
This issue applies to Gen 1 (1.5 Gb/s) and Gen 2 (3.0 Gb/s).
Implication: None known.
Workaround: None.
Status:
No Plan to Fix.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com