Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 49 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 49 Page - Intel Corporation

Back Button C200 Datasheet HTML 45Page - Intel Corporation C200 Datasheet HTML 46Page - Intel Corporation C200 Datasheet HTML 47Page - Intel Corporation C200 Datasheet HTML 48Page - Intel Corporation C200 Datasheet HTML 49Page - Intel Corporation C200 Datasheet HTML 50Page - Intel Corporation C200 Datasheet HTML 51Page - Intel Corporation C200 Datasheet HTML 52Page - Intel Corporation C200 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 82 page
background image
Specification Update
49
Documentation Changes
12.2.3 GBECSR3—Gigabit Ethernet Capabilities and Status Register 3
Address Offset: MBARA + 20h
Attribute:
R/W
Default Value:
1000XXXXh
Size:
32 bit
12.2.4 GBECSR4—Gigabit Ethernet Capabilities and Status Register 4
Address Offset: MBARA + 2Ch
Attribute:
R/W
Default Value:
00000000h
Size:
32 bits
12.2.5 GBECSR5—Gigabit Ethernet Capabilities and Status Register 5
Address Offset: MBARA + F00h
Attribute:
R/W
Default Value:
00010008h
Size:
32 bits
Bit
Description
31:29 Reserved
28
Ready Bit (RB) — R/W.
Set to 1 by the Gigabit Ethernet Controller at the end of the MDI transaction. This bit
should be reset to 0 by software at the same time the command is written.
27:26
MDI Type — R/W.
01 = MDI Write
10 = MDI Read
All other values are reserved.
25:21 LAN Connected Device Address (PHYADD) — R/W.
20:16 LAN Connected Device Register Address (PHYREGADD) — R/W.
15:0
DATA — R/W.
Bit
Description
31
WOL Indication Valid (WIV) — R/W.
Set to 1 by BIOS to indicate that the WOL indication setting in bit 30 of this register is
valid.
30
WOL Enable Setting by BIOS (WESB) — R/W.
1 = WOL Enabled in BIOS.
0 = WOL Disabled in BIOS.
29:0
Reserved
Bit
Description
31:6
Reserved
5
SW Semaphore FLAG (SWFLAG) — R/W.
This bit is set by the device driver to gain access permission to shared CSR registers
with the firmware and hardware.
4:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com