Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 9 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 9 Page - Intel Corporation

Back Button C200 Datasheet HTML 5Page - Intel Corporation C200 Datasheet HTML 6Page - Intel Corporation C200 Datasheet HTML 7Page - Intel Corporation C200 Datasheet HTML 8Page - Intel Corporation C200 Datasheet HTML 9Page - Intel Corporation C200 Datasheet HTML 10Page - Intel Corporation C200 Datasheet HTML 11Page - Intel Corporation C200 Datasheet HTML 12Page - Intel Corporation C200 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 82 page
background image
Specification Update
9
Summary Tables of Changes
Errata
Erratum
Number
Stepping
Status
ERRATA
B2
B3
1
X
X
No Fix
USB Isoch In Transfer Error Issue
2
X
X
No Fix
USB Full-/low-speed Device Removal Issue
3
X
X
No Fix
USB Babble Detected with SW Overscheduling
4
X
X
No Fix
USB Full-/low-speed EOP Issue
5
X
X
No Fix
USB PLL Control FSM Not Getting Reset on Global Reset
6
X
X
No Fix
Asynchronous Retries Prioritized Over Periodic Transfers
7
X
X
No Fix
USB FS/LS Incorrect Number of Retries
8
X
X
No Fix
Incorrect Data for FS/LS USB Periodic IN Transaction
9
X
X
No Fix
HDMI* 222 MHz Electrical Compliance Testing Failures
10
X
X
No Fix
SATA Signal Voltage Level Violation
11
X
X
No Fix
SATA Differential Return Loss Violations
12
X
X
No Fix
High-speed USB 2.0 Transmit Signal Amplitude
13
X
X
No Fix
Delayed Periodic Traffic Timeout Issue
14
X
Fixed
SATA Ports 2-5 Issue
15
X
X
No Fix
Intel® ME Clock Throttling Failure Causes Hang
16
X
X
No Fix
USB Full-/Low-speed Port Reset or Clear TT Buffer Request
17
X
X
No Fix
Intel® 82579 Gigabit Ethernet Controller Transmission Issue
18
X
X
No Fix
USB RMH Think Time Issue
19
X
X
No Fix
Intel® AMT and Intel® Standard Manageability KT/SOL Interrupt Status Cleared
Prematurely
20
X
X
No Fix
Incorrect IRQ(x) Vector Returned for 8259 Interrupts With RAEOI Enabled
21
X
X
No Fix
USB RMH False Disconnect Issue
22
X
X
No Fix
USB RMH Think Time Issue
23
X
X
No Fix
Packet Loss on Intel® 82579 Gigabit Ethernet Controller
Specification Changes
Spec
Change
Number
Stepping
SPECIFICATION CHANGES
B2
B3
1X
X
LED Locate Intel® Rapid Storage Technology Capability Removal
2
X
X
Removal of S1 Support on Intel® C200 Series Chipset
3
X
X
A20GATE and A20M# Functionality Removal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com