Electronic Components Datasheet Search
  English  ▼

X  

C200 Datasheet(PDF) 48 Page - Intel Corporation

Part # C200
Description  Intel® 6 Series Chipset and Intel® C200 Series Chipset
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

C200 Datasheet(HTML) 48 Page - Intel Corporation

Back Button C200 Datasheet HTML 44Page - Intel Corporation C200 Datasheet HTML 45Page - Intel Corporation C200 Datasheet HTML 46Page - Intel Corporation C200 Datasheet HTML 47Page - Intel Corporation C200 Datasheet HTML 48Page - Intel Corporation C200 Datasheet HTML 49Page - Intel Corporation C200 Datasheet HTML 50Page - Intel Corporation C200 Datasheet HTML 51Page - Intel Corporation C200 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 82 page
background image
Documentation Changes
48
Specification Update
12.2.1 GBECSR1—Gigabit Ethernet Capabilities and Status Register 1
Address Offset: MBARA + 00h
Attribute:
R/W
Default Value:
00100241h
Size:
32 bit
12.2.2 GBECSR2—Gigabit Ethernet Capabilities and Status Register 2
Address Offset: MBARA + 18h
Attribute:
R/W/SN
Default Value:
01501000h
Size:
32 bit
F00h-F03
h
GBECSR5
Gigabit Ethernet Capabilities and
Status Register 5
00010008h
R/W
F10h-F13
h
GBECSR6
Gigabit Ethernet Capabilities and
Status Register 6
0004000Ch
R/W/SN
5400h-54
03h
GBECSR7
Gigabit Ethernet Capabilities and
Status Register 7
XXXXXXXXh
R/W
5404h-54
07h
GBECSR8
Gigabit Ethernet Capabilities and
Status Register 8
XXXXXXXXh
R/W
5800h-58
03h
GBECSR9
Gigabit Ethernet Capabilities and
Status Register 9
00000008h
R/W/SN
Table 12-2. Gigabit LAN Capabilities and Status Registers Address Map
(Gigabit LAN —MBARA) (Sheet 2 of 2)
MBARA
+ Offset
Mnemonic
Register Name
Default
Attribute
Bit
Description
31:25 Reserved
24
PHY Power Down (PHYPDN) — R/W.
When cleared (0b), the PHY power down setting is controlled by the internal logic of
PCH.
23:0
Reserved
Bit
Description
31:21 Reserved
20
PHY Power Down Enable (PHYPDEN) — R/W/SN.
When set, this bit enables the PHY to enter a low-power state when the LAN controller
is at the DMoff/D3 or with no WOL.
19:0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com