Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 10Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 11Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 12Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 13Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 14Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 15Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 16Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 17Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
IP100A LF
Preliminary Data Sheet
6.2
Physical Layer
The IP100A LF supports both IEEE 802.3 100BASE-TX and 100BASE-FX signaling. The 100BASE-X
transmit logic performs 4B5B encoding/decoding, parallel to serial, and serial to parallel conversion, and
NRZ-NRZI signaling. In the case of 100BASE-TX, scrambling and MLT-3 encoding are also done before
the data is transmitted on to the media. The receive 100BASE-X circuitry, recovering data from either an
MLT-3 signal (100BASE-TX) or a PECL input (100BASE-FX), generates four bit nibbles to send to the MAC.
The Media Dependent Interface selection is done by the FFSD pin. If the FFSD pin is connected directly
to GND, the IP100A LF PHY layer is operating in TX mode. If FFSD is connected to the signal detect,
then the PHY layer is in 100BASE-FX mode.
The IP100A LF PHY also includes a full set of registers for controlling the PHY as outlined in the IEEE
802.3 specification.
6.3
On-Chip Voltage Regulator
The IP100A LF has an integrated voltage regulator for reduced system cost. The voltage regulator is used
to provide the 2.5 V power to the PCB. When used with a 2N2905 PNP transistor based circuit as shown in
Figure 2, the CTRL25 pin will regulate the current through the transistor, providing a stable 2.5 V reference.
IP100A LF
CTRL25
Voltage
Comparator
inside IC
VCC2
VCC1
MMBT2907A
150
33
0.1u
2.0K, 1%
2.2K, 1%
FIGURE 2: External PNP Transistor Based Regulator Circuit
6.4
PCI Bus Interface
The PCI Bus Interface implements the protocols and signals needed to operate the IP100A LF in a PCI
bus. The IP100A LF can be either a PCI bus master or slave. The PCI Bus Interface is also responsible
for managing the DMA interfaces and the host processors access to the IP100A LF registers. Arbitration
logic within the PCI Bus Interface block accepts bus requests from the TxDMA Logic and RxDMA Logic.
The PBI also manages interrupt generation for a host processor.
6.5
TxDMA Logic
The IP100A LF supports a multi-frame, multi-fragment DMA gather process. Descriptors representing
frames are built and linked in system memory by a host processor. The TxDMA Logic is responsible for
transferring the multi-fragment frame data from the host memory into the TxFIFO.
The TxDMA Logic monitors the amount of free space in the TxFIFO, and uses this value to decide when
to request a TxDMA. A TxDMABurstThresh register is used to delay the bus request until there is enough
free space in the TxFIFO for a long burst.
March. 30, 2007
14/97
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com