Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 97 page
background image
IP100A LF
Preliminary Data Sheet
67/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.5
Statistic Registers
The Statistic registers implement several counters defined in the IEEE 802.3 standard. Note reading a
statistic register will also clear that register. The statistics gathering must be enabled by setting the
StatisticsEnable bit in MACCtrl1 for the statistics registers to count events.
11.5.1 BroadcastFramesReceivedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7d
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
BroadcastFrames-
ReceivedOk
R/W
Broadcast Frames Received OK is the count of the number of
frames that are successfully received with destination address
equal
to
the
broadcast
address
(0xFFFFFFFFFFFF).
BroadcastFramesReceivedOk does not include frames received
with frames too long, FCS, length or alignment errors, or frames
lost due to internal MAC sublayer error (i.e.overrun).
BroadcastFramesReceivedOk will wrap around to zero after
reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.22.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when BroadcastFramesReceivedOk reaches a
value of 0xC0. BroadcastFramesReceivedOk is enabled by writing
a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of BroadcastFramesReceivedOk also clears the register.
11.5.2 BroadcastFramesTransmittedOk
Class............................. LAN I/O Registers, Statistics
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x7c
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
BroadcastFrames-
TransmittedOk
R/W
Broadcast Frames Transmitted is the count of the number of
frames that are successfully transmitted to the broadcast address
(0xFFFFFFFFFFFF). Frames transmitted to other multicast
addresses
are
excluded
from
this
statistic.
BroadcastFramesTransmittedOk will wrap around to zero after
reaching 0xFF. See IEEE 802.3 Clause 30.3.1.1.19.
An UpdateStats interrupt (UpdateStats bit within the IntStatus
register) will occur when BroadcastFramesTransmittedOk reaches
a value of 0xC0. BroadcastFramesTransmittedOk is enabled by
writing a logic 1 to the StatisticsEnable bit in the MACCtrl1 register.
A read of BroadcastFramesTransmittedOk also clears the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com