Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 90 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 90 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 94Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
IP100A LF
Preliminary Data Sheet
90/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.7.3 FunctionsCtrl
Class............................. EEPROM Data Format
Base Address ............... 0x00, address written to EepromCtrl register
Address Offset .............. 0x0A
Access Mode ................ Read Only
Width ............................ 16 bits
BIT
BIT NAME
BIT DESCRIPTION
0
LDPS Enable
Link-Down-Power-Saving mode. Set this bit to 1 will reduce the power
usage of IP100A LF if the link between IP100A LF and another terminal
has terminated.
1
Auto-Cross-Over
Enable
Enable Auto Cross Function. At logic 1, IP100A LF will be able to use
both crossover UTP wire and non-crossover UTP wire.
2
Reserved
Reserved for future use. Default setting as 0
3
Last-Gasp Control
Enable Last Gasp Function. At logic 1, IP100A LF will activate last gasp
function, and IP100A LF will be able to send last gasp frames.
6..4
Last-Gasp Repeat
Time
These 3 bits will decide the number of Last Gasp Packets to send. Since
there are 3 bits controlling the amount of packet sent, thus the maximum
number of packets is 8 frames.
7
Last-Gasp OP Code Decision of the Last Gasp OP Code. This bit determines the OP Code
within the Last Gasp frames.
At 0: Last-Gasp packet send OP Code is 0001
At 1: Last-Gasp packet send OP Code is 0100
15..8
DSP Settings
Setting to PHY DSP
11.7.4 StationAddress
Class............................. EEPROM Data Format
Base Address ............... 0x00, address written to EepromCtrl register
Address Offset .............. 0x10, 0x11, 0x12
Access Mode ................ Read Only
Width ............................ 48 bits
BIT
BIT NAME
BIT DESCRIPTION
15..0
StationAddress0
Station Address 0. StationAddress0 (offset 0x10) corresponds to the
StationAddressWord0 field of the StationAddress register.
31..16
StationAddress1
Station Address 1. StationAddress1 (offset 0x11) corresponds to the
StationAddressWord1 field of the StationAddress register.
47..32
StationAddress2
Station Address 2. StationAddress2 (offset 0x12) corresponds to the
StationAddressWord2 field of the StationAddress register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com