Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 94Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 95Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 96Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 97Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
IP100A LF
Preliminary Data Sheet
93/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
DC Characteristics
DC characteristics are defined over commercial operating ranges unless specified otherwise.
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
Vcc 3.3V
3.3V power voltage
3.13
3.47
V
Icc 3.3V
3.3V power current
10.6
mA
Vcc 2.5V
2.5V power voltage
2.37
2.63
V
Icc 2.5V
2.5V power current
159.5
mA
TTL I/O
VIH
Input high voltage
2
V
VIL
Input low voltage
0.8
V
IIN
Input leakage current
VIN = VCC /GND
-10
10
µA
VOH
Output high voltage
2.4
V
VOL
Output low voltage
0.4
V
IOTS
Output tri-state leakage
10
µA
100BASE-TX RECEIVE
VB
RXP/RXN Input Bias Voltage
Iol = 4 mA
2.7
V
RIN
RXP/RXN Differential Input
Resistance
6
kΩ
SON
Signal Detect Turn-On Threshold
5 MHz square
wave input
300
365
430
mV
100BASE-TX TRANSMIT (MEASURED DIFFERENTIALLY AFTER 1:1 TRANSFORMER)
VPDO
Peak Differential Output
50Ωfrom each
output to VCC
0.95
1.05
V
VOI
Output Voltage Imbalance
50Ωfrom each
output to VCC
0.4
V
Overshoot
5
%
VREF
Reference Voltage of ISET
1.25
V
10BASE-T RECEIVE
VB10
RXP/RXM Input Bias Voltage
1.4
V
RIN10
RXP/RXN Differential Input
Resistance
10
kΩ
VSQ
Squelch Threshold
5 MHz square
wave
250
mV
10BASE-T TRANSMIT (MEASURED DIFFERENTIALLY AFTER THE 1:1 TRANSFORMER)
VP
Peak Differential Output
50Ωfrom each
output to VCC
2.2
2.8
V
TABLE 3 : DC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com