Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 65Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 66Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 67Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 68Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 69Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 70Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 97 page
background image
IP100A LF
Preliminary Data Sheet
66/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4.27 WakeEvent
Class............................. LAN I/O Registers, Control and Status
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x45
Default .......................... 0x00
Width ............................ 8 bits
WakeEvent contains enable bits to control which types of events can generate a wake event to the host
system. WakeEvent also contains status bits indicating the specific wake events which have occurred.
BIT
BIT NAME
R/W
BIT DESCRIPTION
0
WakePktEnable
R/W
Wake Packet Enable. If WakePktEnable is a logic 1, the IP100A
LF may generate wake events via a PCI interrupt due to Wake
Packet reception. The PmeEn bit in the PowerMgmtCtrl register
must be set in order for WakePktEnable to be recognized.
WakePktEnable has no effect in power mode D0.
1
MagicPktEnable
R/W
Magic Packet Enable. If MagicPktEnable is a logic 1, the IP100A
LF may generate wake events via a PCI interrupt due to Magic
Packet reception. The PmeEn bit in the PowerMgmtCtrl register
must be set in order for MagicPktEnable to be recognized.
MagicPktEnable has no effect in power mode D0.
2
LinkEventEnable
R/W
Link Event Enable. If LinkEventEnable is a logic 1, the IP100A LF
may generate wake events via a PCI interrupt due to a change in
link status (cable connect or disconnect). The PmeEn bit in the
PowerMgmtCtrl register must be set in order for LinkEventEnable to
be recognized. LinkEventEnable has no effect in power mode D0.
3
WakePolarity
R/W
Wake Polarity. If WakePolarity is a logic 1, the PMEN signal will
be asserted HIGH. If WakePolarity is a logic 0, the PMEN signal
will be asserted LOW.
4
WakePktEvent
R
Wake Packet Event. If WakePktEvent is a logic 1, a wake packet
(which meets the reception criteria set by the host system) has
been received. WakePktEnable must be a logic 1 for
WakePktEvent to operate. WakePktEvent is cleared following a
read of the WakeEvent register.
5
MagicPktEvent
R
Magic Packet Event. If MagicPktEvent is a logic 1, a Magic
Packet packet has been received. MagicPktEnable must be a
logic 1 for MagicPktEvent to operate. MagicPktEvent is cleared
following a read of the WakeEvent register.
6
LinkEvent
R
Link Event. If LinkEvent is a logic 1, a link status event has occurred.
LinkEventEnable must be a logic 1 for LinkEvent to operate.
LinkEvent is cleared following a read of the WakeEvent register.
7
WakeOnLanEnable R/W
Wake On LAN Enable. If WakeOnLanEnable is a logic 1, the
IP100A LF is in WakeOnLan mode regardless of the power
management register settings in the configuration space.
WakeOnLanEnable is loaded from the WakeOnLanEnable bit of
AsicCtrl field within the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com