Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 58 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 58 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 54Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 55Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 97 page
background image
IP100A LF
Preliminary Data Sheet
58/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4.12 MaxFrameSize
Class............................. LAN I/O Registers, Control and Status
Base Address ............... IoBaseAddress register value
Address Offset.............. 0x5a
Default .......................... 0x1514 or 0x4491 based on the RcvLargeFrames bit in the MACCtrl0 register
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15..0
MaxFrameSize
R/W
Maximum Frame Size. Received frames with sizes equal to or
larger than MaxFrameSize will be flagged as oversize via the
RxOversizedFrame bit in RxDMAStatus field of the frame’s RFD.
11.4.13 PhyCtrl
Class............................. LAN I/O Registers, External Interface Control
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x5e
Default .......................... 0x00
Width ............................ 8 bits
PhyCtrl contains control bits for the internal MII Management Interface. The MII Management Interface is
used to access registers in the IP100A LF PHY. The host system accesses the MII Management
Interface by writing and reading bit patterns to the PhyCtrl register.
BIT
BIT NAME
R/W
BIT DESCRIPTION
0
MgmtClk
R/W
Management Clock. MgmtClk drives the management clock
(MDC) signal to the PHY.
1
MgmtData
R/W
Management Data bit. MgmtData is directly connected to the
MDIO signal connected to the PHY. Data can be written to or read
from the PHY by writing or read MgmtData based on the value of
MgmtDir.
2
MgmtDir
R/W
Management Data Direction. If the MgmtDir is a logic 1, the value
written to MgmtData is driven onto the MDIO signal connected to
the PHY. When MgmtDir is a logic 0, data driven onto MDIO by
the PHY can be read from MgmtData.
3
Reserved
N/A
Reserved for future use.
4
PhyDuplexPolarity
R/W
PHY Duplex Polarity. If PhyDuplexPolarity is a logic 0, the duplex
status signal between the PHY and the MAC is active low.
5
PhyDuplexStatus
R
PHY Duplex Status. If PhyDuplexStatus is a logic 1, the PHY is
operating in full duplex mode. If PhyDuplexStatus is a logic 0, the
PHY is operating in half duplex mode.
6
PhySpeedStatus
R
PHY Speed Status. PhySpeedStatus provides a real-time
indication of the IP100A LF’s PHY speed. If PhySpeedStatus is a
logic 1, the IP100A LF’s PHY is operating at 100Mbps operation.
If PhySpeedStatus is a logic 0, the IP100A LF’s PHY is operating
at 10Mbps operation.
7
PhyLinkStatus
R
PHY Link Status. PhyLinkStatus provides a real-time indication of
the IP100A LF’s PHY link state. If PhyLinkStatus is a logic 1, the
IP100A LF’s PHY link is up. If PhyLinkStatus is a logic 0, the
IP100A LF’s PHY link is down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com