Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 84 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 84 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 88Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 97 page
background image
IP100A LF
Preliminary Data Sheet
84/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
BIT
BIT NAME
R/W
BIT DESCRIPTION
2..1
MemMapType
R
Memory Map Type. MemMapType defines how the host system
maps the IP100A LF’s registers within the host system memory
space. Bit 2 of MemMapType is always a logic 0, while bit 1 is
loaded from the Lower1Meg bit of the ConfigParm field within an
EEPROM during auto initialization of the IP100A LF.
BIT 2
BIT 1
REGISTER MAPPING
0
0
Anywhere within a 32 bit address space
0
1
Lower 1 megabyte of 32 bit address space
1
x
Undefined
6..3
Reserved
N/A
Reserved for future use.
31..7
MemBaseAddress
R/W
Memory Base Address. MemBaseAddress contains the 25 bit
memory base address value. The IP100A LF uses 128 bytes of
I/O space.
11.6.18 MinGnt
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x3e
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
MinGnt
R
Minimum Grant Time. MinGnt specifies, in 250 ns increments,
how long a burst period the IP100A LF requires when operating
as a bus master. Bits 7 through 4 of the MinGnt value are loaded
from the ConfigParm field within an EEPROM during auto
initialization of the IP100A LF.
11.6.19 NextItemPtr
Class............................. LAN PCI Configuration Registers, Power Management
Base Address ............... PCI device configuration header start
Address Offset .............. 0x51
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
NextItemPtr
R
Next Item Pointer. NextItemPtr indicates the next capability data
structure in the capabilities list. When NextItemPtr is set to the
value 0x00, there are no further data structures.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com