Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
IP100A LF
Preliminary Data Sheet
29/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
BIT
BIT NAME
R/W
BIT DESCRIPTION
7
Collision Test
R/W
1 = Enable COL test. If Collision Test is a logic 1 and transmit
data is sent to the PHY, the IP100A LF PHY will assert the
collision signal within 512 bit times (where 1 bit time = 100ns
for 10Mbps operation and 1 bit time = 10ns for 100Mbps
operation). When transmit data is removed, the IP100A LF
PHY will deassert the collision signal within 4 bit times.
0 = Normal operation.
6..0
Reserved
N/A
Reserved for future use.
11.1.2 Status Register
Class............................. PHY Registers
Access Method............. Accessed through PhyCtrl register
Register Address.......... 0x01
Default .......................... 0x7849
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15
100BASE-T4
R
1 = PHY 100BASE-T4 capable.
0 = PHY not 100BASE-T4 capable.
14
100BASE-X Full
Duplex
R
1 = PHY 100BASE-X Half Duplex capable.
0 = PHY not 100BASE-X Half Duplex capable.
13
100BASE-X Half
Duplex
R
1 = PHY 100BASE-X Half Duplex capable.
0 = PHY not 100BASE-X Half Duplex capable.
12
10BASE-T Full
Duplex
R
1 = PHY 10BASE-T Full Duplex capable.
0 = PHY not 10BASE-T Full Duplex capable.
11
10BASE-T Half
Duplex
R
1 = PHY 10BASE-T Half Duplex capable.
0 = PHY not 10BASE-T Half Duplex capable.
10..7
Reserved
N/A
Reserved for future use.
6
Preamble
Suppression
R
1 = Management preamble may be suppressed.
0 = Management preamble required.
5
Auto-Negotiation
Complete
R
1 = Auto-Negotiation complete.
0 = Auto-Negotiation not complete.
If Auto-Negotiation Complete is a logic 1, the auto-negotiation
process is complete and the contents of the Auto-Negotiation Link
Partner Ability and Auto-Negotiation Expansion registers are
valid. If Auto-Negotiation Complete is a logic 0, the
Auto-Negotiation process is not complete, and the contents of the
Auto-Negotiation Link Partner Ability and Auto-Negotiation
Expansion registers are undefined. If the Auto-Negotiation bit of
the Control Register is a logic 0, then Auto-Negotiation Complete
is always a logic 0.
4
Remote Fault
R
1 = Remote Fault detected.
0 = Remote Fault not detected.
If Remote Fault is a logic 1, the IP100A LF has detected a remote
fault condition. Remote Fault will remain a logic 1 until the remote
fault condition no longer exists, and Remote Fault is read by the
host system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com