Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 94 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 94 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 90Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 91Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 92Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 93Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 94Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 95Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 96Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 97Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 94 / 97 page
background image
IP100A LF
Preliminary Data Sheet
94/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
12.3
AC Characteristics
PARAMETER
SYMBOL
PARAMETER
DESCRIPTION
TEST
CONDITIONS
MIN
TYP
MAX
UNIT
PCI INTERFACE
Trc
RSTN cycle
300
ns
Trr
Rising edge or RSTN to chip recovery
1
µs
Tcc
PCICLK cycle
30
ns
Tch
PCICLK high
11
ns
Tcl
PCICLK low
11
ns
Trv
PCICLK rise to bused signal valid
2
11
ns
Trvp
PCICLK rise to REQN, GNTN valid
2
12
ns
Trzo
PCICLK rise to signal on
2
ns
Troz
PCICLK rise to signal off
28
ns
Tsu
bused signal setup wrt PCICLK rise
7
ns
Tsup1
GNTN setup wrt PCICLK rise
10
ns
Tsup2
REQN setup wrt PCICLK rise
12
ns
Thd
signal hold wrt PCICLK rise
0
ns
Trstoff
RSTN low to output signal float
40
ns
EEPROM INTERFACE
Tskc
EESK cycle
1us
-
ns
Tskh
EESK high
250
-
ns
Tskl
EESK low
250
-
ns
Tcs
EECS low
250
-
ns
Tpd
EEDI valid wrt EESK rise
100
-
ns
Tcsk
EECS setup wrt EESK rise
50
-
ns
Tcsh
EECS hold wrt EESK fall
0
-
ns
Tdos
EEDO setup wrt EESK rise
70
500
ns
Tdoh
EEDO hold wrt EESK rise
-
500
ns
100BASE-TX MDI
TR /TF
Rise/Fall Time
3
5
ns
TIMB
Rise/Fall Time Imbalance
0
500
ps
TDCD
Duty Cycle Distortion
0.5
ns
TJ
Maximum output jitter (peak to peak)
0.7
1.4
ns
10BASE-T MDI
TR10 /TF10
Rise/Fall Time
25
ns
TJ10
Transmit Jitter
3.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com