Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 56Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 57Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 58Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 59Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 60Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 61Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 62Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 63Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 97 page
background image
IP100A LF
Preliminary Data Sheet
60/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4.16 RxDMAListPtr
Class............................. LAN I/O Registers, DMA
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x10
Default .......................... 0x00000000
Width ............................ 32 bits
RxDMAListPtr is the physical address of the current receive DMA Frame Descriptor in the Receive DMA
List. A value of 0x00000000 for RxDMAListPtr indicates that no more RFDs are available to accept
receive frames. RxDMAListPtr only points to addresses on 8-byte boundaries, so RFDs must be aligned
on 8-byte physical address boundaries. RxDMAListPtr may be written directly by the host system to point
the IP100A LF to the head of a newly created Receive DMA List. RxDMAListPtr is also updated by the
IP100A LF as it processes RFDs in the Receive DMA List. As the IP100A LF finishes processing a RFD,
it loads RxDMAListPtr with the value from the RxDMANextPtr field of the current RFD in order to move
on to the next RFD in the Receive DMA List. If the IP100A LF loads a value of 0x00000000 from the
current RFD, the receive DMA logic enters the idle state, waiting for a non-zero value to be written to
RxDMAListPtr. To avoid access conflicts between the IP100A LF and the host system, the host system
must set the RxDMAHalt bit in the DMACtrl register before writing to RxDMAListPtr.
BIT
BIT NAME
R/W
BIT DESCRIPTION
31..0
RxDMAListPtr
R/W
Receive DMA List Pointer. RxDMAListPtr is the physical address,
on a 8-byte boundary, of the current RFD in the Receive DMA List.
11.4.17 RxDMAPollPeriod
Class............................. LAN I/O Registers, DMA
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x16
Default .......................... 0x00
Width ............................ 8 bits
RxDMAPollPeriod determines the rate at which the current RFD’s RxDMAComplete bit of the
RxFrameStatus field in the RFD is polled for a logic 0. Polling is disabled when RxDMAPollPeriod is 0x00.
RxDMAPollPeriod is specified in increments of 320 ns. The maximum value is 127 (or 40.64 us).
BIT
BIT NAME
R/W
BIT DESCRIPTION
6..0
RxDMAPollPeriod
R/W
Receive DMA Poll Period. RxDMAPollPeriod is the number of
320ns intervals between polls of the RxDMAComplete bit in the
RxFrameStatus field of the current RFD.
7
Reserved
N/A
Reserved for future use.
11.4.18 RxDMAStatus
Class............................. LAN I/O Registers, DMA
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x0c
Default .......................... 0x00000000
Width ............................ 32 bits
RxDMAStatus shows the status of various operations in the receive DMA logic. Host systems should
read RxDMAStatus only if the RxDMAHalted bit in the DMACtrl register is a logic 1. Otherwise the
IP100A LF may change RFDs between accesses to RxDMAStatus. Many bits of RxDMAStatus are
identical to corresponding bits of the RxFrameStatus field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com