Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 33Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
IP100A LF
Preliminary Data Sheet
30/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
BIT
BIT NAME
R/W
BIT DESCRIPTION
3
Auto-Negotiation
Ability
R
1 = Auto-Negotiation capable.
0 = Auto-Negotiation incapable.
If Auto-Negotiation Ability is a logic 1, the IP100A LF is capable of
performing Auto-Negotiation. Auto-Negotiation Ability depends on
the external mode setting of the IP100A LF.
2
Link Status
R
1 = Link is up.
0 = Link is down.
When Link Status is a logic 0, Link Status will remain a logic 0
until the link state changes, and Link Status is read by the host
system.
1
Jabber Detect
R
1 = Jabber detected.
0 = Jabber not detected.
When Jabber Detect is a logic 1, Jabber Detect will remain a logic
0 until the jabber condition no longer exists, and Jabber Detect is
read by the host system.
0
Extended Capability R
1 = Extended capabilities register exists.
11.1.3 PHY Identifier 1
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x02
Default .......................... 0x0243
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15..0
PHY ID Number
R
Bits 3 through 18 of the OUI.
OUI = 0090C3
11.1.4 PHY Identifier 2
Class............................. PHY Registers
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x03
Default .......................... 0x0D80
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15..10
PHY ID Number
R
Bits 19 through 24 of the OUI.
9..4
Model Number
R
Manufacturer’s model number.
3..0
Revision Number
R
Four bit manufacturer’s revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com