Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
IP100A LF
Preliminary Data Sheet
49/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
BIT
BIT NAME
R/W
BIT DESCRIPTION
14
TxDMAInProg
R
Transmit DMA in Progress. If TxDMAInProg is a logic 1, a
transmit DMA operation is in progress. TxDMAInProg is primarily
used by the host system in an under run recovery routine. The
host system waits for TxDMAInProg to be a logic 0 before setting
the TxReset bit of the AsicCtrl register to clear the under run
condition. Before checking TxDMAInProg, issue TxDMAHalt.
15
DMAHaltBusy
R
DMA Halt Busy. DMAHaltBusy indicates that a DMA Halt
operation (TxDMAHalt or RxDMAHalt) is in progress and the host
system should wait for DMAHaltBusy to be cleared before
performing other actions.
16
Reserved
N/A
Reserved for future use.
17
Reserved
N/A
Reserved for future use.
18
Reserved
N/A
Reserved for future use.
19
Reserved
N/A
Reserved for future use.
20
MWIDisable
R/W
PCI MWI Command Disable. If Setting MWIDisable is a logic 1,
the IP100A LF will not use the Memory Write Invalidate (MWI)
PCI command.
21
Reserved
N/A
Reserved for future use.
22
RxDMAOverrun-
Frame
R/W
Receive DMA Overrun Frame. If RxDMAOverrunFrame is a logic 0,
receive DMA will discard receive overrun frames without transferring
them to the host system. WhenRxDMAOverrunFrame is a logic 1,
receive DMA will transfer overrun frames to the host system.
Overrun frames are any frame which is received while the receive
FIFO is full.
29..23
Reserved
N/A
Reserved for future use.
30
TargetAbort
R
Bus Target Abort. TargetAbort is a logic 1 when the IP100A LF
experiences a target abort sequence when operating as a bus
master. TargetAbort indicates a fatal error, and must be cleared
before further transmit DMA or receive DMA operation can
proceed. TargetAbortt is cleared via the GlobalReset, and DMA
bits of the AsicCtrl register.
31
MasterAbort
R
Bus Master Abort. MasterAbort is a logic 1 when the IP100A LF
experiences a master abort sequence when operating as a bus
master. MasterAbort indicates a fatal error, and must be cleared
before further transmit DMA or receive DMA operation can
proceed. MasterAbortt is cleared via the GlobalReset, and DMA
bits of the AsicCtrl register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com