Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 97 page
background image
IP100A LF
Preliminary Data Sheet
42/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.3.4 PseudoPattern
Class............................. Wake Event Data Structures, Pseudo Packet
Base Address ............... Start of Pseudo Packet
Address Offset .............. 0x00 thru 0x00+n-1 for nth PseudoPattern
Access Mode ................ Write only
Width ............................ 8 bits
BIT
BIT NAME
BIT DESCRIPTION
3..0
ByteCount
ByteCount can take on a value of 0x0 to 0xe. A value of 0xf indicates an
extended value. The extended value will occupy 8 bits and is contained in
the next PseudoPattern. If both the ByteOffset and the ByteCount values
are 0xf, the next PseudoPattern will be the extended ByteOffset, and the
PseudoPattern after that will be the extended ByteCount.
7..4
ByteOffset
ByteOffset can take on a value of 0x0 to 0xe. A value of 0xf indicates an
extended value. The extended value will occupy 8 bits and is contained in
the next PseudoPattern. If both the ByteOffset and the ByteCount values
are 0xf, the next PseudoPattern will be the extended ByteOffset, and the
PseudoPattern after that will be the extended ByteCount.
11.3.5 Terminator
Class............................. Wake Event Data Structures, Pseudo Packet
Base Address ............... Start of Pseudo Packet
Address Offset .............. 0x00+n for n PseudoPattern
Access Mode ................ Write only
Width ............................ 8 bits
BIT
BIT NAME
BIT DESCRIPTION
7..0
Terminator
A value of 0x00 indicates the end of the PseudoPattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com