Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 83 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 83 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 87Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 97 page
background image
IP100A LF
Preliminary Data Sheet
83/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.15 LatencyTimer
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x0d
Default .......................... 0x00
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
2..0
Reserved
N/A
Reserved for future use.
7..3
LatencyTimer
R/W
Latency Timer. LatencyTimer indicates, in increments of 8 bus
clocks, the length of time which the IP100A LF may hold the PCI
bus in the presence of other bus requestors. Whenever the
IP100A LF asserts the FRAMEN signal, the latency timer is
started. When the latency timer count expires, the IP100A LF
must relinquish the bus as soon as its GNTN signal has been
deasserted.
11.6.16 MaxLat
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x3f
Default .......................... 0x0A
Width ............................ 8 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
MaxLat
R
Maximum Latency. MaxLat specifies, in 250 ns increments, how
often the IP100A LF requires bus access while operating as a bus
master. Bits 5 through 1 of the MaxLat value are loaded from the
ConfigParm field within an EEPROM during auto initialization of
the IP100A LF.
11.6.17 MemBaseAddress
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x14
Default .......................... 0x00000000
Width ............................ 32 bits
MemBaseAddress can be disabled via loading of the ConfigParm field from an EEPROM during
auto-ini-tialization of the IP100A LF.
BIT
BIT NAME
R/W
BIT DESCRIPTION
0
MemBaseAddrInd
R
Memory Base Address Indicator. When MemBaseAddrInd is a
logic 1, MemBaseAddrInd contains the valid memory base
address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com