Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 40 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 36Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 37Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 38Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 97 page
background image
IP100A LF
Preliminary Data Sheet
11.3
Wake Event Data Structures
The first Wake Event Data Structure is the Pseudo Packet. A Pseudo Packet is a set of patterns loaded
into the IP100A LF TxFIFO which specify bytes to be examined within received frames. A CRC is
calculated over these bytes and compared with a CRC value supplied in the Pseudo Packet. If a match is
found, the IP100A LF issues a Wake Event. The matching technique may result in false wake events
being reported to the host system. Each Pseudo Packet consists of one or more byte-offset/byte-count
pairs (or Pseudo Patterns), a terminator symbol, and a 4-byte CRC value. The byte offsets within the
Pseudo Patterns indicate the number of received frame bytes to be skipped in order to reach the next
group of bytes to be included in the CRC calculation. The byte-counts within the Pseudo Patterns
indicate the number of bytes in the next group to be included in the CRC calculation. The terminator
indicates the end of the Pseudo Patterns for the Pseudo Packet. Immediately following the terminator is
a 4-byte CRC. If there is another Pseudo Packet, it will immediately follow the CRC value.
The second Wake Event Data Structure is the Magic Packet. Magic Packets are uniquely formatted
frames, which upon reception invoke a Wake Event by the IP100A LF. Once the IP100A LF has been
placed in Magic Packet mode and put to sleep, it scans all incoming frames addressed to it for a data
sequence consisting of a synchronization stream followed immediately by 16 consecutive repetitions of
the station’s own 48-bit Ethernet MAC station address. The sequence can be located anywhere within
the received frame.
The pseudo packet and Magic Packet data structures are shown in Figure 12
IP100A
pseudo
packet
PseudoPattern 1
Terminator
PseudoPattern n
PseudoCRC
0x00
0x01
0x00+n+1
0x00+n
0x00+n-1
Received Packet
0x00
0x06
Ethernet Header
MagicSyncStream
MagicSequence
Ethernet CRC
Magic
PacketTM
FIGURE 12 : Wake Event Data Structures, Pseudo Packet and Magic Packet
40/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com