Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 75Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 78Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 97 page
background image
IP100A LF
Preliminary Data Sheet
79/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.7 ConfigStatus
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset.............. 0x06
Default .......................... 0x0210
Width ............................ 16 bits
ConfigStatus is used to record status information for PCI bus events. Read/write bits inConfigStatus can
only be reset, not set, by writing to this register. Bits are reset by writing a one to the corresponding bit.
BIT
BIT NAME
R/W
BIT DESCRIPTION
3..0
Reserved
N/A
Reserved for future use.
4
Capabilities
R
Capabilities. Capabilities is a logic 1 to indicate a set of extended
capabilities registers exists for the IP100A LF. The CapPtr
register indicates the first address location of the extended
capabilities register set.
6..5
Reserved
N/A
Reserved for future use.
7
FastBackToBack
R
Fast Back to Back. When FastBackToBack is a logic 1 the
IP100A LF when operating as a Target, supports fast
back-to-back transactions as defined by the criteria in the section
3.4.2 of the PCI specification.
8
DataParityReported R/W
Master Data Parity Error. When DataParityReported is a logic 1,
the IP100A LF when operating as a Master, has detected the
PERRN signal asserted, and the ParityErrorResponse bit in the
ConfigCommand register as a logic 1.
10..9
DevselTiming
R
Device Select Timing. DevselTiming is used to encode the
slowest time with which the IP100A LF asserts the DEVSELN
signal. A value of 0x1 for DevselTiming indicates support for
“medium” speed DEVSELN assertion.
11
SignaledTargetAbort R/W
Signaled Target Abort. The IP100A LF sets SignaledTargetAbort
to a logic 1 when the IP100A LF terminates a bus transaction with
target-abort.
12
ReceivedTargetAbort R/W
Received
Target
Abort.
The
IP100A
LF
sets
ReceivedTargetAbort to a logic 1 when, operating as a bus
master, a IP100A LF bus transaction is terminated with
target-abort.
13
ReceivedMasterAbort R/W
Received
Master
Abort.
The
IP100A
LF
sets
ReceivedMasterAbort to a logic 1 when, operating as a bus
master, a IP100A LF bus transaction is terminated with
master-abort.
14
SignaledSystemError R/W
Signaled System Error. When SignaledSystemError is a logic 1,
the IP100A LF asserts the SERRN signal.
15
DetectedParityError R/W
Detected Parity Error. When DetectedParityError is a logic 1 the
IP100A LF has detected a parity error, regardless of whether
parity error handling is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com