Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 76Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 77Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 78Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 79Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 80Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 81Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
IP100A LF
Preliminary Data Sheet
80/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.8 Data
Class............................. LAN PCI Configuration Registers, Power Management
Base Address ............... PCI device configuration header start
Address Offset .............. 0x57
Default Value ................ 0x00
Width ............................ 8 bits
Data reports the power consumption of the IP100A LF. The values of DataSelect and DataScale in the
PowerMgmtCtrl register are used to interpret the value of Data.
BIT
BIT NAME
R/W
BIT DESCRIPTION
7..0
Data
R
Data. Data reports power consumption and dissipation of the
IP100A LF at worst-case conditions. To properly interpret the
value read from Data, it must be scaled by the factor indicated in
the DataScale field of the PowerMgmtCtrl register. The value of
Data depends on the value of the DataSelect field of the
PowerMgmtCtrl register.
Data is loaded from the Data field in the EEPROM during a
AutoInit reset.
DATASELECT
DATA
0x0
1 * DataScale Watts
D0 Power Consumption
0x1
1 * DataScale Watts
D1 Power Consumption
0x2
1 * DataScale Watts
D2 Power Consumption
0x3
1 * DataScale Watts
D3 Power Consumption
0x4
1 * DataScale Watts
D4 Power Dissipated
0x5
1 * DataScale Watts
D5 Power Dissipated
0x6
1 * DataScale Watts
D6 Power Dissipated
0x7
1 * DataScale Watts
D7 Power Dissipated
0x8 through 0xF
0x00
Reserved.
11.6.9 DeviceId
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x02
Default Value ................ 0x0200
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15..0
DeviceId
R
DeviceId contains the 16-bit device ID for the IP100A LF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com