Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 86 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 86 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 82Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 83Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 84Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 85Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 86Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 87Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 88Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 89Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 90Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 97 page
background image
IP100A LF
Preliminary Data Sheet
86/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.6.21 PowerMgmtCtrl
Class............................. LAN PCI Configuration Registers, Power Management
Base Address ............... PCI device configuration header start
Address Offset .............. 0x54
Default Value ................ 0x4000
Width ............................ 16 bits
PowerMgmtCtrl allows control over the power state and the power management interrupts.
BIT
BIT NAME
R/W
BIT DESCRIPTION
1..0
PowerState
R/W
Power State. PowerState indicates the current power state of the
IP100A LF. If PowerState is set to a value other than 0x0, the
IP100A LF will not respond to PCI I/O or memory cycles, nor will
the IP100A LF be able to generate PCI bus master cycles.
BIT 1
BIT 0
POWER STATE
0
0
D0
0
1
D1
1
0
D2
1
1
D3
7..2
Reserved
N/A
Reserved for future use.
8
PmeEn
R/W
Power Management Event Enable. When PmeEn is a logic 1, the
IP100A LF is allowed to report wake events on the PMEN signal.
The criteria for generating wake events is defined by the
WakeEvent register. PmeEn is loaded from the ConfigParm field
of an EEPROM during auto initialization of the IP100A LF.
12..9
DataSelect
R/W
Data Select. DataSelect is used to select which data is to be
reported through the Data register and DataScale field.
14..13
DataScale
R
Data Scale. DataScale indicates the scaling factor to be used
when interpreting the value of the Data register. The
interpretation of the scale values is defined as follows:
DATASCALE
SCALE FACTOR
0x0
Unknown
0x1
0.1
0x2
0.01
0x3
0.001
15
PmeStatus
R/W
Power Management Event Status. When PmeStatus is a logic 1 a
wake event has occurred. PmeStatus may be a logic 1 regardless
of the value of PmeEn. Writing a logic 1 to PmeStatus will set
PmeStatus to a logic 0. Writing a logic 0 to PmeStatus has no
effect.
11.6.22 RevisionId
Class............................. LAN PCI Configuration Registers, Configuration
Base Address ............... PCI device configuration header start
Address Offset .............. 0x08
Default .......................... Depends on revision of actual device. See description below.
Width ............................ 8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com