Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 44 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 44 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 97 page
background image
IP100A LF
Preliminary Data Sheet
44/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4.1 AsicCtrl
Class............................. LAN I/O Registers, Control and Status
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x30
Default .........................0x00004000 (default values for LED Speed, LED, Mode, PhySpeed10,
PhySpeed100, PhyMedia are dependent on EEPROM settings, and
ForcedConfig[1..0], ForcedCon-fig[2] are dependent on ED signal pin states)
Width ............................ 32 bits
AsicCtrl provides chip-specific, non-host-related settings. The contents of the least significant byte of
AsicCtrl are read from EEPROM at reset.
BIT
BIT NAME
R/W
BIT DESCRIPTION
0
LEDFlashSpeed
R
The LED flahing Speed can be defined by this bit and could be
set by EEPROM only.
0: Fast Speed (5ms, 35ms).
1: Low Speed (20ms, 60ms).
1
LED Mode
R
The Bit decide LED Mode, could be set by EEPROM only.
Light Emitting Diode Mode. LEDMode is used to control the LED
signal pins functionality. When LEDMode is a logic 0 the LED
signal pins operate in LED mode 0. When LEDMode is a logic 1
the LED signal pins operate in LED mode 1.
Note:
When LED Mode 0 is set, the period of 1 cycle alternating
between logic 1/0 is 100ms. The LED ON period is 20ms and
OFF period is 80ms.
When LED Mode 1 is set, the period of 1 cycle alternating
between logic 1/0 is 200ms. The LED ON period is 40ms and
OFF period is 160ms.
LED
SIGNAL PIN
MODE 0
MODE 1
LED_LINK
This interface is not
functioning under MODE 0
Continuous logic 0 when
Ethernet link is valid.
LED_10N
Continuous logic 0 when
Ethernet link is operate at
10Mb/sec
Continuous logic 0
when Ethernet link is
operate at 10Mb/sec
LED_100N
Continuous logic 0 when
Ethernet link is operate at
100Mb/sec
Continuous logic 0
when Ethernet link is
operate at 100Mb/sec
LED
SIGNAL PIN
MODE 0
MODE 1
LED_TXN
Logic 0 indicates the
frames are transmitting
in progress, while logic 1
means no data is been
sent.
Logic 0 indicates the link
has established, while
logic 1 indicates link is
down. Alternating logic
1 and 0 indicates the
transmission or
receiving is in progress.
LED_RXN
Logic 0 indicates the
frames are been
received. Logic 1
indicates no frame is
Logic 0 indicates the link
has established, while
logic 1 indicates link is
down. Alternating logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com