Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 48 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 48 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 48Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 49Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 50Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 51Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 52Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
IP100A LF
Preliminary Data Sheet
48/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4.2 DMACtrl
Class............................. LAN I/O Registers, DMA
Base Address ............... IoBaseAddress register value
Address Offset .............. 0x00
Default .......................... 0x00000000
Width ............................ 32 bits
DMACtrl controls some of the bus master functions in the receive DMA and transmit DMA logic, and
contains status bits. DMACtrl is cleared by a reset.
BIT
BIT NAME
R/W
BIT DESCRIPTION
0
RxDMAHalted
R
Receive DMA Halted. RxDMAHalted is a logic 1 whenever
receive DMA is halted by setting RxDMAHalt or an implicit halt
due to fetching a RFD with RxDMAComplete in RxFrameStatus
already a logic 1. RxDMAHalted is cleared by setting
RxDMAResume to a logic 1.
1
TxDMACmplReq
R
Transmit DMA Complete Request. TxDMACmplReq is equivalent
to the TxDMAIndicate field in the TxFrameControl of the current
TFD.
2
TxDMAHalted
R
Transmit DMA Halted. TxDMAHalted is a logic 1whenever
transmit DMA is halted by setting TxDMAHalt. TxDMAHalted is
cleared by setting TxDMAResume to a logic 1.
3
RxDMAComplete
R
Receive DMA Complete. RxDMAComplete is equivalent to the
RxDMAComplete bit in the IntStatus register. RxDMAComplete is
different from the RxDMAComplete bit in RxDMAStatus.
RxDMAComplete is latched once a frame receive DMA transfer
has completed. RxDMAComplete is cleared by acknowledging
the RxDMAComplete bit in the IntStatus register.
4
TxDMAComplete
R
TxDMAComplete. TxDMAComplete is the same as the
TxDMAComplete bit in IntStatus register. TxDMAComplete is
cleared by acknowledging the TxDMAComplete bit in the
IntStatus register.
7..5
Reserved
N/A
Reserved for future use.
8
RxDMAHalt
W
Receive DMA Halt. If RxDMAHalt is a logic 1, the receive DMA is
halted. RxDMAHalt is self-clearing and writing a 0 is ignored. See
RxDMAHalted to determine the running state of receive DMA.
9
RxDMAResume
W
Receive DMA Resume. If RxDMAResume is a logic 1, the receive
DMA is resumed. RxDMAResume is self-clearing and writing a 0
is ignored. See RxDMAHalted to determine the running state of
receive DMA.
10
TxDMAHalt
W
Transmit DMA Halt. If TxDMAHalt is a logic 1, the transmit DMA is
halted. TxDMAHalt is self-clearing and writing a 0 is ignored. See
TxDMAHalted to determine the running state of transmit DMA.
11
TxDMAResume
R/W
Transmit DMA Resume. If TxDMAResume is a logic 1, the
transmit DMA is resumed. TxDMAResume is self-clearing and
writing a 0 is ignored. See TxDMAHalted to determine the running
state of transmit DMA.
13..12
Reserved
N/A
Reserved for future use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com