Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 39Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 40Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 41Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 42Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 43Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 44Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 45Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 46Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 97 page
background image
IP100A LF
Preliminary Data Sheet
43/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11.4
LAN I/O Registers
The host interacts with the IP100A LF mainly through slave registers, which occupy 128 bytes in the host
system’s I/O space, memory space, or both. Generally, registers are referred to as “I/O registers”,
implying that the registers may in fact be mapped and accessed by the host system in memory space.
I/O registers must be accessed with instructions that are no larger than the bit-width of that register.
The IP100A LF LAN I/0 register layout is show in Figure 13.
BYTE 3
BYTE 2
BYTE 1
BYTE 0
ADDR
OFFSET
HashTable[63..32]
0x64
HashTable[31..0]
0x60
PhyCtrl
TxReleaseThresh
ReceiveMode
0x5C
MaxFrameSize
StationAddress[47..32]
0x58
StationAddress[31..0]
0x54
MACCtrl1
MACCtrl0
0x50
IntStatus
IntEnable
0x4C
IntStatusAck
0x48
TxStatus
WakeEvent
0x44
0x40
0x3C
FIFOCtrl
0x38
EepromCtrl
EepromData
0x34
AsicCtrl
0x30
0x2C
0x28
0x24
0x20
0x1C
0x18
RxDMAPollPeriod
RxDMAUrgent-
Thresh
RxDMABurst-
Thresh
0x14
RxDMAListPtr
0x10
RxDMAStatus
0x0C
TxDMAPollPeriod
TxDMAUrgent-
Thresh
TxDMABurst-
Thresh
0x08
TxDMAListPtr
0x04
DMACtrl
0x00
FIGURE 13 : IP100A LF I/O Register Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com