Electronic Components Datasheet Search
  English  ▼

X  

IP100ALF Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # IP100ALF
Description  Integrated 10/100 Ethernet MAC PHY
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IP100ALF Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button IP100ALF Datasheet HTML 24Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 25Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 26Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 27Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 28Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 29Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 30Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 31Page - List of Unclassifed Manufacturers IP100ALF Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 97 page
background image
IP100A LF
Preliminary Data Sheet
28/97
March. 30, 2007
Copyright © 2004, IC Plus Corp.
IP100A LF-DS-R17
11 Registers and Data Structures
11.1
PHY Registers
The IP100A LF includes a full set of PHY registers which can be accessed through the internal
MDC/MDIO interface. The MAC and PHY, although integrated, act as if they are separate. The PHY
registers must be accessed throught the PhyCtrl register.
11.1.1 Control Register
Class............................. PHY Registers, Control
Access Method ............. Accessed through PhyCtrl register
Register Address .......... 0x00
Default .......................... 0x3100
Width ............................ 16 bits
BIT
BIT NAME
R/W
BIT DESCRIPTION
15
Reset
R/W
1 = Software Reset (self clearing). While the IP100A LF is
resetting, Reset will remain a logic 1 and write attempts to any
PHY Registers are not accepted.
0 = Normal operation.
14
Loopback
R/W
1 = PHY loopback mode. When Loopback is a logic 1, the IP100A
LF will be isolated from the network media. All transmit data
from the MAC will return to the MAC as receive data. Collision
indications are disabled unless Collision Test is a logic 1.
0 = Normal operation.
13
Speed
R/W
1 = 100 Mb/s.
0 = 10 Mb/s.
12
Auto-Negotiation
R/W
1 = Auto-negotiation enabled.
0 = Auto-negotiation disabled.
11
Power Down
R/W
1 = PHY power down. When Power Down is a logic 1, the IP100A
LF PHY will enter Power Down mode. While in Power Down
mode, the IP100A LF PHY will not respond to transmit data, or
received data but will respond to management transactions.
0 = Normal operation.
10
Isolate
R/W
1 = Isolate PHY. When Isolate is a logic 1, the IP100A LF PHY
will be isolated from the MAC. When isolated, the IP100A LF
will not respond to transmit or receive data, but will respond to
management transactions.
0 = Normal operation.
9
Restart
Auto-Negotiation
R/W
1 = Restart auto-negotiation (self clearing). When Restart
Auto-Negotiation is a logic 1, the IP100A LF will restart
Auto-Negotiation, depending on the Auto-Negotiation bit. If
the Auto-Negotiation bit is a logic 0, then Restart
Auto-Negotiation has no effect.
0 = Normal operation.
8
Duplex Mode
R/W
1 = Full duplex.
0 = Half duplex.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com