Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 441Page - Renesas Technology Corp SH7616 Datasheet HTML 442Page - Renesas Technology Corp SH7616 Datasheet HTML 443Page - Renesas Technology Corp SH7616 Datasheet HTML 444Page - Renesas Technology Corp SH7616 Datasheet HTML 445Page - Renesas Technology Corp SH7616 Datasheet HTML 446Page - Renesas Technology Corp SH7616 Datasheet HTML 447Page - Renesas Technology Corp SH7616 Datasheet HTML 448Page - Renesas Technology Corp SH7616 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 419 of 906
REJ09B0292-0200
10.1.3
Descriptor Management System
The E-DMAC manages the transmit/receive buffers by means of corresponding transmit/receive
descriptor lists.
Transmission: The transmit E-DMAC fetches a transmit buffer address from the top of the
transmit descriptor list, and transfers the transmit data in the buffer to the transmit FIFO. If a
transmit directive follows in the descriptor, the E-DMAC reads the next descriptor and transfers
the data in the corresponding buffer to the transmit FIFO. In this way, continuous data
transmission can be carried out.
Reception: For each start of a receive DMA transfer, the receive E-DMAC fetches a receive
buffer address from the top of the receive descriptor list. When receive data is stored in the receive
FIFO, the E-DMAC transfers this data to the receive buffer. When reception of one frame is
finished, the E-DMAC performs a receive status write and fetches the receive buffer address from
the next descriptor. By repeating this sequence, consecutive frames can be received.
10.1.4
Register Configuration
The E-DMAC has the seventeen 32-bit registers shown in table 10.1.
Notes: 1. All registers must be accessed as 32-bit units.
2. Reserved bits in a register should only be written with 0.
3. The value read from a reserved bit is not guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com