Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 448 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 448 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 444Page - Renesas Technology Corp SH7616 Datasheet HTML 445Page - Renesas Technology Corp SH7616 Datasheet HTML 446Page - Renesas Technology Corp SH7616 Datasheet HTML 447Page - Renesas Technology Corp SH7616 Datasheet HTML 448Page - Renesas Technology Corp SH7616 Datasheet HTML 449Page - Renesas Technology Corp SH7616 Datasheet HTML 450Page - Renesas Technology Corp SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 448 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 422 of 906
REJ09B0292-0200
Bit 0—Software Reset (SWR): The EtherC and E-DMAC can be initialized by software. These
bits should only be written with 0.
Bit 0: SWR
Description
0
EtherC and E-DMAC reset is cleared
(Initial value)
1
EtherC and E-DMAC are reset
Notes: 1. If the EtherC and E-DMAC are initialized by means of this register during data
transmission, etc., abnormal data may be sent onto the line.
2. The EtherC and E-DMAC are initialized in 16 internal clocks. Therefore, before
accessing registers in the EtherC and E-DMAC, 16 internal clocks must be waited for.
3. The E-DMAC’s TDLAR, RDLAR, and RMFCRL registers are not initialized. All other
EtherC and E-DMAC registers are initialized.
10.2.2
E-DMAC Transmit Request Register (EDTRR)
The E-DMAC transmit request register issues transmit directives to the E-DMAC.
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
——
———
——
TR
Initial value:
00
000
000
R/W:
RR
RRR
RR
R/W
Bits 31 to 1—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 0—Transmit Request (TR): When 1 is written to this bit, the E-DMAC reads a descriptor, and
in the case of an active descriptor, transfers the data in the transmit buffer to the EtherC.
Bit 0: TR
Description
0
Transmission-halted state. Writing 0 does not stop transmission. Termination of
transmission is controlled by the active bit in the transmit descriptor
1
Start of transmission. The relevant descriptor is read and a frame is sent with
the transmit active bit set to 1
Note: When transmission of one frame is completed, the next descriptor is read. If the transmit
descriptor active bit in this descriptor has the “active” setting, transmission is continued. If
the transmit descriptor active bit has the “inactive” setting, the TR bit is cleared and
operation of the transmit DMAC is halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com