Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 450 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 450 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 446Page - Renesas Technology Corp SH7616 Datasheet HTML 447Page - Renesas Technology Corp SH7616 Datasheet HTML 448Page - Renesas Technology Corp SH7616 Datasheet HTML 449Page - Renesas Technology Corp SH7616 Datasheet HTML 450Page - Renesas Technology Corp SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp SH7616 Datasheet HTML 454Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 450 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 424 of 906
REJ09B0292-0200
10.2.4
Transmit Descriptor List Address Register (TDLAR)
TDLAR specifies the start address of the transmit descriptor list. Descriptors have a boundary
configuration in accordance with the descriptor length indicated by the DL bit in EDMR.
Bit:
31
30
29
28
27
26
25
24
TDLA31 TDLA30 TDLA29 TDLA28 TDLA27 TDLA26 TDLA25 TDLA24
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
23
22
21
20
19
18
17
16
TDLA23 TDLA22 TDLA21 TDLA20 TDLA19 TDLA18 TDLA17 TDLA16
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
TDLA15 TDLA14 TDLA13 TDLA12 TDLA11 TDLA10 TDLA9
TDLA8
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
TDLA7
TDLA6
TDLA5
TDLA4
TDLA3
TDLA2
TDLA1
TDLA0
Initial value:
00
000
000
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 31 to 0—Transmit Descriptor Start Address 31 to 0 (TDLA31 to TDLA0) : These bits should
only be written with 0.
Notes: The lower bits are set as follows according to the specified descriptor length.
16-byte boundary: TDLA[3:0] = 0000
32-byte boundary: TDLA[4:0] = 00000
64-byte boundary: TDLA[5:0] = 000000
This register must not be written to during transmission. Modifications to this register
should only be made while transmission is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com