Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 452 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 452 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 448Page - Renesas Technology Corp SH7616 Datasheet HTML 449Page - Renesas Technology Corp SH7616 Datasheet HTML 450Page - Renesas Technology Corp SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp SH7616 Datasheet HTML 454Page - Renesas Technology Corp SH7616 Datasheet HTML 455Page - Renesas Technology Corp SH7616 Datasheet HTML 456Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 452 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 426 of 906
REJ09B0292-0200
10.2.6
EtherC/E-DMAC Status Register (EESR)
EESR shows communication status information for both the E-DMAC and the EtherC. The
information in this register is reported in the form of interrupt sources. Individual bits are cleared
by writing 1 to them. Each bit can also be masked by means of the corresponding bit in the
EtherC/E-DMAC status interrupt permission register.
Bit:
31
30
29
28
27
26
25
24
——
———
——
RFCOF
Initial value:
00
000
000
R/W:
RR
RRR
RR
R/W
Bit:
23
22
21
20
19
18
17
16
—
ECI
TC
TDE
TFUF
FR
RDE
RFOF
Initial value:
00
000
000
R/W:
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
15
14
13
12
11
10
9
8
—
—
—
ITF
CND
DLC
CD
TRO
Initial value:
00
000
000
R/W:
R
R
R
R/W
R/W
R/W
R/W
R/W
Bit:
76
543
210
RMAF
—
RFAR
RRF
RTLF
RTSF
PRE
CERF
Initial value:
00
000
000
R/W:
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
Bits 31 to 25—Reserved: These bits are always read as 0. The write value should always read as 0.
Bit 24—Receive Frame Counter Overflow (RFCOF): Indicates that the receive FIFO frame
counter has overflowed.
Bit 24: RFCOF
Description
0
Receive frame counter has not overflowed
(Initial value)
1
Receive frame counter overflow (interrupt source)
Note: The receive FIFO in the E-DMAC can hold up to eight frames. If a ninth frame is received
when there are already eight frames in the receive FIFO, the receive frame counter
overflows and the ninth frame is discarded. Discarded frames are counted by the missed-
frame counter register. The eight frames in the receive FIFO are retained, and are



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com