Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 456 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 456 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp SH7616 Datasheet HTML 454Page - Renesas Technology Corp SH7616 Datasheet HTML 455Page - Renesas Technology Corp SH7616 Datasheet HTML 456Page - Renesas Technology Corp SH7616 Datasheet HTML 457Page - Renesas Technology Corp SH7616 Datasheet HTML 458Page - Renesas Technology Corp SH7616 Datasheet HTML 459Page - Renesas Technology Corp SH7616 Datasheet HTML 460Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 456 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 430 of 906
REJ09B0292-0200
Bit 7—Receive Multicast Address Frame (RMAF): Indicates that a multicast address frame has
been received.
Bit 7: RMAF
Description
0
Multicast address frame has not been received
(Initial value)
1
Multicast address frame has been received (interrupt source)
Bits 6—Reserved: This bit should only be written with 0.
Bit 5––Receive Frame Discard Request Assertion (RFAR): Indicates that a frame discard request
has been asserted by the EtherC as a result of a signal from the CAM, however, it is not possible to
discard the frame in the E-DMAC.
Bit 5: RFAR
Description
0
Receive frame discard request assertion has not been received (Initial value)
1
Receive frame discard request assertion has been received (interrupt source)
Bit 4—Receive Residual-Bit Frame (RRF): Indicates that a residual-bit frame has been received.
Bit 4: RRF
Description
0
Residual-bit frame has not been received
(Initial value)
1
Residual-bit frame has been received (interrupt source)
Bit 3—Receive Too-Long Frame (RTLF): Indicates that a frame of 1519 bytes or longer has been
received.
Bit 3: RTLF
Description
0
Too-long frame has not been received
(Initial value)
1
Too-long frame has been received (interrupt source)
Bit 2—Receive Too-Short Frame (RTSF): Indicates that a frame of fewer than 64 bytes has been
received.
Bit 2: RTSF
Description
0
Too-short frame has not been received
(Initial value)
1
Too-short frame has been received (interrupt source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com