Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 459 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 459 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 455Page - Renesas Technology Corp SH7616 Datasheet HTML 456Page - Renesas Technology Corp SH7616 Datasheet HTML 457Page - Renesas Technology Corp SH7616 Datasheet HTML 458Page - Renesas Technology Corp SH7616 Datasheet HTML 459Page - Renesas Technology Corp SH7616 Datasheet HTML 460Page - Renesas Technology Corp SH7616 Datasheet HTML 461Page - Renesas Technology Corp SH7616 Datasheet HTML 462Page - Renesas Technology Corp SH7616 Datasheet HTML 463Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 459 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 433 of 906
REJ09B0292-0200
Bit 23—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 22—EtherC Status Register Interrupt Permission (ECIP): Enables interrupts due to EtherC
status register sources.
Bit 22: ECIP
Description
0
EtherC status interrupts are disabled
(Initial value)
1
EtherC status interrupts are enabled
Bit 21—Frame Transmit Complete Interrupt Permission (TCIP): Enables the frame transmit
complete interrupt.
Bit 21: TCIP
Description
0
Frame transmit complete interrupt is disabled
(Initial value)
1
Frame transmit complete interrupt is enabled
Bit 20—Transmit Descriptor Exhausted Interrupt Permission (TDEIP): Enables the transmit
descriptor exhausted interrupt.
Bit 20: TDEIP
Description
0
Transmit descriptor exhausted interrupt is disabled
(Initial value)
1
Transmit descriptor exhausted interrupt is enabled
Bit 19—Transmit FIFO Underflow Interrupt Permission (TFUFIP): Enables the transmit FIFO
underflow interrupt.
Bit 19: TFUFIP
Description
0
Transmit FIFO underflow interrupt is disabled
(Initial value)
1
Transmit FIFO underflow interrupt is enabled
Bit 18—Frame Received Interrupt Permission (FRIP): Enables the frame received interrupt.
Bit 18: FRIP
Description
0
Frame received interrupt is disabled
(Initial value)
1
Frame received interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com