Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 461 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 461 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 457Page - Renesas Technology Corp SH7616 Datasheet HTML 458Page - Renesas Technology Corp SH7616 Datasheet HTML 459Page - Renesas Technology Corp SH7616 Datasheet HTML 460Page - Renesas Technology Corp SH7616 Datasheet HTML 461Page - Renesas Technology Corp SH7616 Datasheet HTML 462Page - Renesas Technology Corp SH7616 Datasheet HTML 463Page - Renesas Technology Corp SH7616 Datasheet HTML 464Page - Renesas Technology Corp SH7616 Datasheet HTML 465Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 461 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 435 of 906
REJ09B0292-0200
Bit 9—Collision Detect Interrupt Permission (CDIP): Enables the collision detect interrupt.
Bit 9: CDIP
Description
0
Collision detect interrupt is disabled
(Initial value)
1
Collision detect interrupt is enabled
Bit 8—Transmit Retry Over Interrupt Permission (TROIP): Enables the transmit retry over
interrupt.
Bit 8: TROIP
Description
0
Transmit retry over interrupt is disabled
(Initial value)
1
Transmit retry over interrupt is enabled
Bit 7—Receive Multicast Address Frame Interrupt Permission (RMAFIP): Enables the receive
multicast address frame interrupt.
Bit 7: RMAFIP
Description
0
Receive multicast address frame interrupt is disabled
(Initial value)
1
Receive multicast address frame interrupt is enabled
Bits 6—Reserved: This bit is always read as 0. The write value should always be 0.
Bit 5––Receive Frame Discard Request Assertion Interrupt Permission (RFARIP): Enables the
receive frame discard request assertion interrupt.
Bit 5: RFARIP
Description
0
Receive frame discard request assertion interrupt is disabled
(Initial value)
1
Receive frame discard request assertion interrupt is enabled
Bit 4—Receive Residual-Bit Frame Interrupt Permission (RRFIP): Enables the receive residual-bit
frame interrupt.
Bit 4: RRFIP
Description
0
Receive residual-bit frame interrupt is disabled
(Initial value)
1
Receive residual-bit frame interrupt is enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com