Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 463 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 463 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 459Page - Renesas Technology Corp SH7616 Datasheet HTML 460Page - Renesas Technology Corp SH7616 Datasheet HTML 461Page - Renesas Technology Corp SH7616 Datasheet HTML 462Page - Renesas Technology Corp SH7616 Datasheet HTML 463Page - Renesas Technology Corp SH7616 Datasheet HTML 464Page - Renesas Technology Corp SH7616 Datasheet HTML 465Page - Renesas Technology Corp SH7616 Datasheet HTML 466Page - Renesas Technology Corp SH7616 Datasheet HTML 467Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 463 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 437 of 906
REJ09B0292-0200
10.2.8
Transmit/Receive Status Copy Enable Register (TRSCER)
TRSCER specifies whether or not transmit and receive status information reported by bits in the
EtherC/E-DMAC status register is to be indicated in the corresponding descriptor. The bits in this
register correspond to EtherC/E-DMAC status register EESR[15 to 0]. When a bit is cleared to 0,
the transmit status (EESR[15 to 8]) is indicated in the TFE bit of the transmit descriptor, and the
receive status (EESR[7 to 0]) is indicated in the RFE bit of the receive descriptor. When a bit is set
to 1, the occurrence of the corresponding source is not indicated in the descriptor. After the chip is
reset, all bits are cleared to 0.
Bit:
31
30
29
. . .
19
18
17
16
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
15
14
13
12
11
10
9
8
——
———
———
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
RRR
Bit:
76
543
210
RMAFCE
—
———
———
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
RRR
RRR
Bits 31 to 8—Reserved
: These bits are always read as 0. The write value should always be 0.
Bit 7—Multicast Address Frame Receive (RMAF): Bit Copy Enable (RMAFCE)
Bit 7: RMAFCE
Description
0
Enables the RMAF bit status to be indicated in the RFS7 bit in the receive
descriptor.
1
Disables occurrence of corresponding source to be indicated in the RFS7 bit in
the receive descriptor.
Bits 6 to 0—Reserved: These bits are always read as 0. The write value should always be 0.
For the corresponding bit sources, see section 10.2.6, EtherC/E-DMAC Status Register (EESR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com