Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp SH7616 Datasheet HTML 454Page - Renesas Technology Corp SH7616 Datasheet HTML 455Page - Renesas Technology Corp SH7616 Datasheet HTML 456Page - Renesas Technology Corp SH7616 Datasheet HTML 457Page - Renesas Technology Corp SH7616 Datasheet HTML 458Page - Renesas Technology Corp SH7616 Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 429 of 906
REJ09B0292-0200
Bits 15 to 13—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 12—Illegal Transmit Frame (ITF): Indicates that the transmit frame length specification is less
than four bytes.
Bit 12: ITF
Description
0
Normal transmit frame length
(Initial value)
1
Illegal transmit frame length (interrupt source)
Bit 11—Carrier Not Detect (CND): Indicates the carrier detection status.
Bit 11: CND
Description
0
A carrier is detected when transmission starts
(Initial value)
1
Carrier not detected (interrupt source)
Bit 10—Detect Loss of Carrier (DLC): Indicates that loss of the carrier has been detected during
frame transmission.
Bit 10: DLC
Description
0
Loss of carrier not detected
(Initial value)
1
Loss of carrier detected (interrupt source)
Bit 9—Collision Detect (CD): Indicates that a collision has been detected during frame
transmission.
Bit 9: CD
Description
0
Collision not detected
(Initial value)
1
Collision detected (interrupt source)
Bit 8—Transmit Retry Over (TRO): Indicates that a retry-over condition has occurred during
frame transmission. Total 16 transmission retries including 15 retries based on the back-off
algorithm are failed after the EtherC transmission starts.
Bit 8: TRO
Description
0
Transmit retry-over condition not detected
(Initial value)
1
Transmit retry-over condition detected (interrupt source)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com