Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 454 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 454 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 450Page - Renesas Technology Corp SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp SH7616 Datasheet HTML 454Page - Renesas Technology Corp SH7616 Datasheet HTML 455Page - Renesas Technology Corp SH7616 Datasheet HTML 456Page - Renesas Technology Corp SH7616 Datasheet HTML 457Page - Renesas Technology Corp SH7616 Datasheet HTML 458Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 454 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 428 of 906
REJ09B0292-0200
Bit 19—Transmit FIFO Underflow (TFUF): Indicates that underflow has occurred in the transmit
FIFO during frame transmission. Incomplete data is sent onto the line.
Bit 19: TFUF
Description
0
Underflow has not occurred
(Initial value)
1
Underflow has occurred (interrupt source)
Note: Whether E-DMAC operation continues or halts after underflow is controlled by the E-DMAC
operation control register (EDOCR).
Bit 18—Frame Received (FR): Indicates that a frame has been received and the receive descriptor
has been updated. This bit is set to 1 each time a frame is received.
Note: The actual receive frame status is indicated in the receive status field in the descriptor.
Bit 18: FR
Description
0
Frame not received
(Initial value)
1
Frame received (interrupt source)
Bit 17—Receive Descriptor Exhausted (RDE): This bit is set if the receive descriptor active bit
(RACT) setting is “inactive” (RACT = 0) when the E-DMAC reads a receive descriptor.
Bit 17: RDE
Description
0
“1” receive descriptor active bit (RACT) detected
(Initial value)
1
“0” receive descriptor active bit (RACT) detected (interrupt source)
Note: When receive descriptor empty (RDE = 1) occurs, receiving can be restarted by setting
RACT = 1 in the receive descriptor and initiating receiving.
Bit 16—Receive FIFO Overflow (RFOF): Indicates that the receive FIFO has overflowed during
frame reception.
Bit 16: RFOF
Description
0
Overflow has not occurred
(Initial value)
1
Overflow has occurred (interrupt source)
Notes: 1. If there are a number of receive frames in the receive FIFO, they will not be sent to
memory correctly. The status of the frame that caused the overflow is written back to
the receive descriptor.
2. Whether E-DMAC operation continues or halts after overflow is controlled by the E-
DMAC operation control register (EDOCR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com