Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 449 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 449 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 445Page - Renesas Technology Corp SH7616 Datasheet HTML 446Page - Renesas Technology Corp SH7616 Datasheet HTML 447Page - Renesas Technology Corp SH7616 Datasheet HTML 448Page - Renesas Technology Corp SH7616 Datasheet HTML 449Page - Renesas Technology Corp SH7616 Datasheet HTML 450Page - Renesas Technology Corp SH7616 Datasheet HTML 451Page - Renesas Technology Corp SH7616 Datasheet HTML 452Page - Renesas Technology Corp SH7616 Datasheet HTML 453Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 449 / 935 page
background image
Section 10 Ethernet Controller Direct Memory Access Controller (E-DMAC)
Rev. 2.00 Mar 09, 2006 page 423 of 906
REJ09B0292-0200
10.2.3
E-DMAC Receive Request Register (EDRRR)
The E-DMAC receive request register issues receive directives to the E-DMAC.
Bit:
31
30
29
. . .
11
10
9
8
——
—
. . .
—
———
Initial value:
0
0
0
. . .
0
0
0
0
R/W:
RR
R
. . .
R
RRR
Bit:
76
543
210
——
———
——
RR
Initial value:
0
0
0
0
0
0
0
0
R/W:
RR
RRR
RR
R/W
Bits 31 to 1—Reserved: These bits are always read as 0. The write value should always be 0.
Bit 0—Receive Request (RR): When 1 is written to this bit, the E-DMAC reads a descriptor, and
then transfers receive data to the buffer in response to receive requests from the EtherC.
Bit 0: RR
Description
0
After frame reception is completed, the receiver is disabled
1
A receive descriptor is read, and transfer is enabled
Notes: In order to receive a frame in response to a receive request, the receive descriptor active
bit in the receive descriptor must be set to “active” beforehand.
1. When the receive request bit is set, the E-DMAC reads the relevant receive descriptor.
2. If the receive descriptor active bit in the descriptor has the “active” setting, the E-DMAC
prepares for a receive request from the EtherC.
3. When one receive buffer of data has been received, the E-DMAC reads the next
descriptor and prepares to receive the next frame. If the receive descriptor active bit in
the descriptor has the “inactive” setting, the RR bit is cleared and operation of the
receive DMAC is halted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com