Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 515 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 515 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 511Page - Renesas Technology Corp SH7616 Datasheet HTML 512Page - Renesas Technology Corp SH7616 Datasheet HTML 513Page - Renesas Technology Corp SH7616 Datasheet HTML 514Page - Renesas Technology Corp SH7616 Datasheet HTML 515Page - Renesas Technology Corp SH7616 Datasheet HTML 516Page - Renesas Technology Corp SH7616 Datasheet HTML 517Page - Renesas Technology Corp SH7616 Datasheet HTML 518Page - Renesas Technology Corp SH7616 Datasheet HTML 519Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 515 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 489 of 906
REJ09B0292-0200
• Dual Address Mode
In dual address mode, both the transfer source and destination are accessed (selectable) by
address. The source and destination can be located externally or internally. The DMAC
accesses the source in the read cycle and the destination in the write cycle, so the transfer is
performed in two separate bus cycles. The transfer data is temporarily stored in the DMAC.
Figure 11.8 shows an example of a transfer between two external memories in which data is
read from one external memory in the read cycle and written to the other external memory in
the following write cycle.
DMAC
External
memory
External
memory
Chip
2
1
External data bus
: Data flow
1: Read cycle
2: Write cycle
Figure 11.8 Data Flow in Dual Address Mode
In dual address mode transfers, external memory and memory-mapped external devices can be
mixed without restriction. Specifically, this enables transfers between the following:
 Transfer between external memory and external memory
 Transfer between external memory and memory-mapped external device
 Transfer between memory-mapped external device and memory-mapped external device
 Transfer between external memory and on-chip peripheral module (excluding DMAC,
BSC, UBC, cache, E-DMAC, and EtherC)*
 Transfer between memory-mapped external device and on-chip peripheral module
(excluding DMAC, BSC, UBC, cache, E-DMAC, and EtherC)*
 Transfer between on-chip memory and on-chip memory
 Transfer between on-chip memory and memory-mapped external device
 Transfer between on-chip memory and on-chip peripheral module (excluding DMAC,
BSC, UBC, cache, E-DMAC, and EtherC)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com