Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 519 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 519 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 515Page - Renesas Technology Corp SH7616 Datasheet HTML 516Page - Renesas Technology Corp SH7616 Datasheet HTML 517Page - Renesas Technology Corp SH7616 Datasheet HTML 518Page - Renesas Technology Corp SH7616 Datasheet HTML 519Page - Renesas Technology Corp SH7616 Datasheet HTML 520Page - Renesas Technology Corp SH7616 Datasheet HTML 521Page - Renesas Technology Corp SH7616 Datasheet HTML 522Page - Renesas Technology Corp SH7616 Datasheet HTML 523Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 519 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 493 of 906
REJ09B0292-0200
Relationship of Request Modes and Bus Modes by DMA Transfer Category: Table 11.8
shows the relationship between request modes, bus modes, etc., by DMA transfer category.
Table 11.8 Relationship of Request Modes and Bus Modes by DMA Transfer Category
Address
Mode
Transfer Range
Request Mode*
3
Bus
Mode*
7
Transfer
Size (Byte)
Single
Between external memory and external
device with DACK
External
B/C
1/2/4/16*
8
Between external device with DACK, and
memory mapped external device
External
B/C
1/2/4/16*
8
Dual
Between external memories
External
B/C
1/2/4/16*
8
Automatic
B/C
1/2/4/16
Internal peripheral
module*
1
C
1/2/4
Between external memory and memory
External
B/C
1/2/4/16*
8
mapped external device
Automatic
B/C
1/2/4/16
Internal peripheral
module*
1
C
1/2/4
Between memory mapped external devices External
B/C
1/2/4/16*
8
Automatic
B/C
1/2/4/16
Internal peripheral
module*
1
C
1/2/4
Between external memory and internal
External
B/C
1/2/4*
4
peripheral module
Automatic
B/C
1/2/4*
4
Internal peripheral
module*
2
C
1/2/4*
4
Between memory mapped external device
External
B/C
1/2/4*
4
and internal peripheral module
Automatic
B/C
1/2/4*
4
Internal peripheral
module*
2
C
1/2/4*
4
Between internal memories
Automatic
B/C
1/2/4/16
Between internal memory and memory
External
B/C
1/2/4/16*
8
mapped external device*
5
Automatic
B/C
1/2/4/16
Internal peripheral
module*
1
C
1/2/4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com