Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 516 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 516 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 512Page - Renesas Technology Corp SH7616 Datasheet HTML 513Page - Renesas Technology Corp SH7616 Datasheet HTML 514Page - Renesas Technology Corp SH7616 Datasheet HTML 515Page - Renesas Technology Corp SH7616 Datasheet HTML 516Page - Renesas Technology Corp SH7616 Datasheet HTML 517Page - Renesas Technology Corp SH7616 Datasheet HTML 518Page - Renesas Technology Corp SH7616 Datasheet HTML 519Page - Renesas Technology Corp SH7616 Datasheet HTML 520Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 516 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 490 of 906
REJ09B0292-0200
 Transfer between on-chip memory and external memory
 Transfer between on-chip peripheral module (excluding DMAC, BSC, UBC, cache, E-
DMAC, and EtherC) and on-chip peripheral module (excluding DMAC, BSC, UBC, cache,
E-DMAC, and EtherC)*
Note: * Access size permitted by peripheral module register used as transfer source or transfer
destination (excluding DMAC, BSC, UBC, cache, E-DMAC, and EtherC).
Transfer requests can be auto-request, external requests, or on-chip peripheral module requests.
If the transfer request source is the SCIF, SIOF or SIO, an SCIF, SIOF or SIO register,
respectively, must be the transfer destination or transfer source (see table 11.6). For the
combination of the specifiable setting to perform data transfer using an external request
(DREQn), see table 11.9. Dual address mode outputs DACKn in either the read cycle or write
cycle. The acknowledge/transfer mode bit (AM) of the DMA channel control registers 0 and 1
(CHCR0 and 1) specifies whether DACK is output in either the read cycle or the write cycle.
Figure 11.9 shows the DMA transfer timing in dual address mode.
CKIO
A24–A0
CS
D31–D0
DACKn
RD
WE
BS
Address output to
external memory space
Read strobe signal to
external memory space
Write strobe signal to
external memory space
I/O data of external
memory space
DMAC acknowledge signal
(active-low)
Figure 11.9 DMA Transfer Timing in Dual Address Mode
(External Memory Space
→ External Memory Space, DACKn Output in Read Cycle)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com