Electronic Components Datasheet Search
  English  ▼

X  

SH7616 Datasheet(PDF) 520 Page - Renesas Technology Corp

Part # SH7616
Description  32-Bit RISC Microcomputer SuperH™ RISC engine Family/SH7600 Series
PDF  935 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7616 Datasheet(HTML) 520 Page - Renesas Technology Corp

Back Button SH7616 Datasheet HTML 516Page - Renesas Technology Corp SH7616 Datasheet HTML 517Page - Renesas Technology Corp SH7616 Datasheet HTML 518Page - Renesas Technology Corp SH7616 Datasheet HTML 519Page - Renesas Technology Corp SH7616 Datasheet HTML 520Page - Renesas Technology Corp SH7616 Datasheet HTML 521Page - Renesas Technology Corp SH7616 Datasheet HTML 522Page - Renesas Technology Corp SH7616 Datasheet HTML 523Page - Renesas Technology Corp SH7616 Datasheet HTML 524Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 520 / 935 page
background image
Section 11 Direct Memory Access Controller (DMAC)
Rev. 2.00 Mar 09, 2006 page 494 of 906
REJ09B0292-0200
Address
Mode
Transfer Range
Request Mode*
3
Bus
Mode*
7
Transfer
Size (Byte)
Dual
Between internal memory and internal
Automatic
B/C
1/2/4*
4
peripheral module
Internal peripheral
module*
2
C
1/2/4*
4
Between internal memory and external
External
B/C
1/2/4/16*
8
memory*
6
Automatic
B/C
1/2/4/16
Internal peripheral
module*
1
C
1/2/4
Between internal peripheral modules
Automatic
B/C
1/2/4*
4
Internal peripheral
module*
2
C
1/2/4*
4
Notes: B: Burst mode
C: Cycle steal mode
1. For on-chip peripheral module requests, do not specify SCIF, SIOF and SIO as a
transfer request source.
2. When the transfer request source is SCIF, SIOF or SIO, the transfer source or transfer
destination must be SCIF, SIOF and SIO, respectively.
3. When the request mode is set to internal peripheral module request, set the DS bit and
the DL bit of CHCR0 and CHCR1 to 1 and 0, respectively (detection at the falling edge
of DREQn). In addition, the bus mode can only be set to cycle-steal mode.
4. Specify the access size that is allowed by the internal peripheral-module registers,
which are a transfer source or a transfer destination.
5. When transferring data from internal memory to a memory mapped external device, set
DACKn to write-time output. When transferring from a memory mapped external device
to internal memory, set DACKn to read-time output.
6. When transferring data from internal memory to external memory, set DACKn to write-
time output. When transferring from external memory to internal memory, set DACKn to
read-time output.
7. When B (burst mode) is set in the external request mode, set the DS bits of CHCR0
and CHCR1 to 1 (edge detection). If they are set to 0 (level detection), operation cannot
be guaranteed.
8. Transfer in units of 16 bytes is enabled only when edge detection has been specified. If
transfer is attempted in units of 16 bytes when level detection has been specified,
operation cannot be guaranteed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com